| Electronic Components Datasheet Search |
|
PIC16F684-E/P Datasheet(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F684-E/P Datasheet(HTML) 83 Page - Microchip Technology |
|
83 / 164 page ![]() 2004 Microchip Technology Inc. Preliminary DS41202C-page 81 PIC16F684 11.3.4 HALF-BRIDGE MODE In the Half-bridge Output mode, two pins are used as outputs to drive push-pull loads. The PWM output sig- nal is output on the RC5/CCP1/P1A pin, while the com- plementary PWM output signal is output on the RC4/C2OUT/P1B pin (Figure 11-6). This mode can be used for half-bridge applications, as shown in Figure 11-7, or for full-bridge applications, where four power switches are being modulated with two PWM signals. In Half-bridge Output mode, the programmable dead band delay can be used to prevent shoot-through current in half-bridge power devices. The value of bits PDC<6:0> (PWM1CON<6:0>) sets the number of instruction cycles before the output is driven active. If the value is greater than the duty cycle, the corre- sponding output remains inactive during the entire cycle. See Section 11.3.6 “Programmable Dead Band Delay” for more details of the dead band delay operations. Since the P1A and P1B outputs are multiplexed with the PORTC<5:4> data latches, the TRISC<5:4> bits must be cleared to configure P1A and P1B as outputs. FIGURE 11-6: HALF-BRIDGE PWM OUTPUT FIGURE 11-7: EXAMPLES OF HALF-BRIDGE APPLICATIONS Period Duty Cycle td td (1) P1A(2) P1B(2) td = Dead Band Delay Period (1) (1) Note 1: At this time, the TMR2 register is equal to the PR2 register. 2: Output signals are shown as active-high. PIC16F684 P1A P1B FET Driver FET Driver V+ V- Load + V - + V - FET Driver FET Driver V+ V- Load FET Driver FET Driver PIC16F684 P1A P1B Standard Half-bridge Circuit (“Push-Pull”) Half-bridge Output Driving a Full-bridge Circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |