Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684-E/P Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16F684-E/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/P Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16F684-E/P Datasheet HTML 81Page - Microchip Technology PIC16F684-E/P Datasheet HTML 82Page - Microchip Technology PIC16F684-E/P Datasheet HTML 83Page - Microchip Technology PIC16F684-E/P Datasheet HTML 84Page - Microchip Technology PIC16F684-E/P Datasheet HTML 85Page - Microchip Technology PIC16F684-E/P Datasheet HTML 86Page - Microchip Technology PIC16F684-E/P Datasheet HTML 87Page - Microchip Technology PIC16F684-E/P Datasheet HTML 88Page - Microchip Technology PIC16F684-E/P Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 83
PIC16F684
FIGURE 11-9:
EXAMPLE OF FULL-BRIDGE APPLICATION
11.3.5.1
Direction Change in Full-Bridge
Mode
In the Full-bridge Output mode, the P1M1 bit
(CCP1CON<7>)
allows
user
to
control
the
Forward/Reverse direction. When the application firm-
ware changes this direction control bit, the module will
assume the new direction on the next PWM cycle.
Just before the end of the current PWM period, the
modulated outputs (P1B and P1D) are placed in their
inactive state, while the unmodulated outputs (P1A and
P1C) are switched to drive in the opposite direction. This
occurs in a time interval of (4 TOSC*(Timer2 Prescale
value)) before the next PWM period begins. The Timer2
prescaler will be either 1, 4 or 16, depending on the
value of the T2CKPS<1:0> bits (T2CON<1:0>). During
the interval from the switch of the unmodulated outputs
to the beginning of the next period, the modulated out-
puts (P1B and P1D) remain inactive. This relationship is
shown in Figure 11-10.
Note that in the Full-bridge Output mode, the ECCP
module does not provide any dead band delay. In
general, since only one output is modulated at all times,
dead band delay is not required. However, there is a
situation where a dead band delay might be required.
This situation occurs when both of the following
conditions are true:
1.
The direction of the PWM output changes when
the duty cycle of the output is at or near 100%.
2.
The turn off time of the power switch, including
the power device and driver circuit, is greater
than the turn on time.
Figure 11-11 shows an example where the PWM
direction changes from forward to reverse, at a near
100% duty cycle. At time t1, the output P1A and P1D
become inactive, while output P1C becomes active. In
this example, since the turn off time of the power
devices is longer than the turn on time, a shoot-through
current may flow through power devices QC and QD
(see Figure 11-9) for the duration of ‘t’. The same
phenomenon will occur to power devices QA and QB
for PWM direction change from reverse to forward.
If changing PWM direction at high duty cycle is required
for an application, one of the following requirements
must be met:
1.
Reduce PWM duty cycle for one PWM period
before changing directions.
2.
Use switch drivers that can drive the switches off
faster than they can drive them on.
Other options to prevent shoot-through current may
exist.
PIC16F684
P1A
P1C
FET
Driver
FET
Driver
V+
V-
Load
FET
Driver
FET
Driver
P1B
P1D
QA
QB
QD
QC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com