Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684-E/P Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F684-E/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/P Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F684-E/P Datasheet HTML 83Page - Microchip Technology PIC16F684-E/P Datasheet HTML 84Page - Microchip Technology PIC16F684-E/P Datasheet HTML 85Page - Microchip Technology PIC16F684-E/P Datasheet HTML 86Page - Microchip Technology PIC16F684-E/P Datasheet HTML 87Page - Microchip Technology PIC16F684-E/P Datasheet HTML 88Page - Microchip Technology PIC16F684-E/P Datasheet HTML 89Page - Microchip Technology PIC16F684-E/P Datasheet HTML 90Page - Microchip Technology PIC16F684-E/P Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 85
PIC16F684
11.3.6
PROGRAMMABLE DEAD BAND
DELAY
In half-bridge applications where all power switches are
modulated at the PWM frequency at all times, the
power switches normally require more time to turn off
than to turn on. If both the upper and lower power
switches are switched at the same time (one turned on,
and the other turned off), both switches may be on for
a short period of time until one switch completely turns
off. During this brief interval, a very high current
(shoot-through current) may flow through both power
switches, shorting the bridge supply. To avoid this
potentially destructive shoot-through current from
flowing during switching, turning on either of the power
switches is normally delayed to allow the other switch
to completely turn off.
In the Half-bridge Output mode, a digitally program-
mable
dead
band
delay
is
available
to
avoid
shoot-through current from destroying the bridge
power switches. The delay occurs at the signal transi-
tion from the non-active state to the active state. See
Figure 11-6 for illustration. The lower seven bits of the
PWM1CON register (Register 11-2) sets the delay
period in terms of microcontroller instruction cycles
(TCY or 4 TOSC).
11.3.7
ENHANCED PWM
AUTO-SHUTDOWN
When the ECCP is programmed for any of the
enhanced PWM modes, the active output pins may be
configured for auto-shutdown. Auto-shutdown immedi-
ately places the enhanced PWM output pins into a
defined shutdown state when a shutdown event
occurs.
A shutdown event can be caused by either of the two
comparators or the INT pin (or any combination of
these three sources). The comparators may be used to
monitor a voltage input proportional to a current being
monitored in the bridge circuit. If the voltage exceeds a
threshold, the comparator switches state and triggers a
shutdown. Alternatively, a digital signal on the INT pin
can also trigger a shutdown. The auto-shutdown
feature can be disabled by
not selecting any
auto-shutdown sources. The auto-shutdown sources to
be used are selected using the ECCPAS<2:0> bits
(ECCPAS<6:4>).
When a shutdown occurs, the output pins are
asynchronously placed in their shutdown states, spec-
ified by the PSSAC<1:0> and PSSBD<1:0> bits
(ECCPAS<3:0>).
Each
pin
pair
(P1A/P1C
and
P1B/P1D) may be set to drive high, drive low, or be
tri-stated
(not
driving).
The
ECCPASE
bit
(ECCPAS<7>) is also set to hold the enhanced PWM
outputs in their shutdown states.
The ECCPASE bit is set by hardware when a shutdown
event occurs. If Auto-restarts are not enabled, the
ECCPASE bit is cleared by firmware when the cause of
the shutdown clears. If Auto-restarts are enabled, the
ECCPASE bit is automatically cleared when the cause
of
the
auto-shutdown
has
cleared.
See
Section 11.3.7.1 “Auto-shutdown and Auto-restart”
for more information.
REGISTER 11-2:
PWM1CON – PWM CONFIGURATION REGISTER (ADDRESS: 16h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
bit 7
bit 0
bit 7
PRSEN: PWM Restart Enable bit
1
= Upon auto-shutdown, the ECCPASE bit clears automatically once the shutdown event
goes away; the PWM restarts automatically.
0
= Upon auto-shutdown, ECCPASE must be cleared in software to restart the PWM.
bit 6-0
PDC<6:0>: PWM Delay Count bits
Number of FOSC/4 (4*TOSC) cycles between the scheduled time when a PWM signal should
transition active, and the actual time it transitions active.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com