Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684-E/ST Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16F684-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/ST Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16F684-E/ST Datasheet HTML 58Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 59Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 60Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 61Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 62Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 63Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 64Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 65Page - Microchip Technology PIC16F684-E/ST Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 164 page
background image
PIC16F684
DS41202C-page 60
Preliminary
 2004 Microchip Technology Inc.
8.6
Comparator Reference
The comparator module also allows the selection of an
internally generated voltage reference for one of the
comparator inputs. The VRCON register (Register 8-3)
controls the voltage reference module shown in
Figure 8-6.
8.6.1
CONFIGURING THE VOLTAGE
REFERENCE
The voltage reference can output 32 distinct voltage
levels, 16 in a high range and 16 in a low range.
The following equation determines the output voltages:
EQUATION 8-1:
8.6.2
VOLTAGE REFERENCE
ACCURACY/ERROR
The full range of VSS to VDD cannot be realized due to
the construction of the module. The transistors on the
top and bottom of the resistor ladder network
(Figure 8-6) keep CVREF from approaching VSS or
VDD. The exception is when the module is disabled by
clearing the VREN bit (VRCON<7>). When disabled,
the reference voltage is VSS when VR<3:0> is ‘0000’
and the VRR (VRCON<5>) bit is set. This allows the
comparators to detect a zero-crossing and not
consume CVREF module current.
The voltage reference is VDD derived and therefore, the
CVREF output changes with fluctuations in VDD. The
tested absolute accuracy of the comparator voltage
Reference can be found in Section 15.0 “Electrical
Specifications”.
FIGURE 8-6:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
VRR = 1 (low range): CVREF = (VR3:VR0/24) X VDD
VRR = 0 (high range):
CVREF = (VDD/4) + (VR3:VR0 X VDD/32)
VRR
8R
VR3:VR0
16-1 Analog
8R
R
R
R
R
CVREF to
16 Stages
Comparator
Input
VREN
VDD
MUX
VR3:VR0 = ‘0000’
VREN
VRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com