Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8018010FSC Datasheet(PDF) 69 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 69 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 65Page - Zilog, Inc. Z8018010FSC Datasheet HTML 66Page - Zilog, Inc. Z8018010FSC Datasheet HTML 67Page - Zilog, Inc. Z8018010FSC Datasheet HTML 68Page - Zilog, Inc. Z8018010FSC Datasheet HTML 69Page - Zilog, Inc. Z8018010FSC Datasheet HTML 70Page - Zilog, Inc. Z8018010FSC Datasheet HTML 71Page - Zilog, Inc. Z8018010FSC Datasheet HTML 72Page - Zilog, Inc. Z8018010FSC Datasheet HTML 73Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
54
UM005001-ZMP0400
Memory Management Unit (MMU)
The Z8X180 features an on-chip MMU which performs the translation of
the CPU 64KB (16-bit addresses 0000H to FFFFH) logical memory
address space into a 1024KB (20-bit addresses 00000H to FFFFFH)
physical memory address space. Address translation occurs internally in
parallel with other CPU operation.
Logical Address Spaces
The 64KB CPU logical address space is interpreted by the MMU as
consisting of up to three separate logical address areas, Common Area 0,
Bank Area, and Common Area 1.
As depicted in Figure 23, a variety of logical memory configurations are
possible. The boundaries between the Common and Bank Areas can be
programmed with 4KB resolution.
2
LNIO
R/W
0
1
Standard Drive
33% Drive on certain external I/O
1
LNCPUCTL
R/W
0
1
Standard Drive
33% Drive on CPU control signals
0
LNAD/
DATA
R/W
0
1
Standard Drive
33% drive on A10–A0, D7–D0
Bit
Position
Bit/Field
R/W
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com