Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8018010FSC Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 41Page - Zilog, Inc. Z8018010FSC Datasheet HTML 42Page - Zilog, Inc. Z8018010FSC Datasheet HTML 43Page - Zilog, Inc. Z8018010FSC Datasheet HTML 44Page - Zilog, Inc. Z8018010FSC Datasheet HTML 45Page - Zilog, Inc. Z8018010FSC Datasheet HTML 46Page - Zilog, Inc. Z8018010FSC Datasheet HTML 47Page - Zilog, Inc. Z8018010FSC Datasheet HTML 48Page - Zilog, Inc. Z8018010FSC Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
30
UM005001-ZMP0400
inserted depending on the programmed value in IWI1 and IWI0. Refer to
Table 4.
WAIT Input and RESET
During RESET, MWI1, MWI0 IWI1 and IWI0, are all 1, selecting the
maximum number of Wait States (TW) (three for memory accesses, four
for external I/O accesses).
Table 4.
Wait State Insertion
IW I1 IW I0
Th e Num be r of W ait States
For e xte rnal
I/O re gis te rs
accesses
For inte rnal
I/0
re gis te rs
accesses
For INT0
inte rrupt
ack now l
e dge
cycl
es wh e n
M 1 is Low
For INT1,
INT2 and
inte rnal
inte rrupts
ack now l
e dge
cycl
es
(Note 2)
For NM I
inte rrupt
ack now l
e dge
cycl
es
wh e n M 1 is
Low
(Note 2)
0
0
1
0
(Note 1)
2
2
0
0
1
2
4
1
0
3
5
1
1
4
6
Note:
1.
For Z8X180 internal I/O register access (I/O addresses 0000H-003FH), IWI1 and IWI0 do not
determine wait state (TW) timing. For ASCI, CSI/O and PRT Data Register accesses, 0 to 4 Wait States
(TW) are generated. The number of Wait States inserted during access to these registers is a function of
internal synchronization requirements and CPU state. All other on-chip I/O register accesses (that is,
MMU, DMAC, ASCI Control Registers, for instance.) have no Wait States inserted and thus require only
three clock cycles.
2.
For interrupt acknowledge cycles in which M1 is High, such as interrupt vector table read and PC
stacking cycle, memory access timing applies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com