Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8018010FSC Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 25Page - Zilog, Inc. Z8018010FSC Datasheet HTML 26Page - Zilog, Inc. Z8018010FSC Datasheet HTML 27Page - Zilog, Inc. Z8018010FSC Datasheet HTML 28Page - Zilog, Inc. Z8018010FSC Datasheet HTML 29Page - Zilog, Inc. Z8018010FSC Datasheet HTML 30Page - Zilog, Inc. Z8018010FSC Datasheet HTML 31Page - Zilog, Inc. Z8018010FSC Datasheet HTML 32Page - Zilog, Inc. Z8018010FSC Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
14
UM005001-ZMP0400
Central Processing Unit
The CPU is microcoded to provide a core that is object code compatible
with the Z80 CPU. It also provides a superset of the Z80 instruction set,
including 8-bit multiply and divide. This core has been enhanced to allow
many of the instructions to execute in fewer clock cycles.
DMA Controller
The DMA controller provides high speed transfers between memory and
I/O devices. Transfer operations supported are memory-to-memory,
memory to/from I/O and I/O to I/O. Transfer modes supported are
REQUEST, BURST, and CYCLE STEAL. DMA transfers can access the
full 1MB addressing range with a block length up to 64KB, and can cross
over 64K boundaries.
Asynchronous Serial Communications Interface (ASCI)
The ASCI logic provides two individual full-duplex UARTs. Each
channel includes a programmable baud rate generator and modem control
signals. The ASCI channels can also support a multiprocessor
communications format.
Programmable Reload Timer (PRT)
This logic consists of two separate channels, each containing a 16-bit
counter (timer) and count reload register. The time base for the counters is
derived from the system clock (divided by 20) before reaching the
counter. PRT channel 1 provides an optional output to allow for
waveform generation.
Clocked Serial I/O (CSIO)
The CSIO channel provides a half-duplex serial transmitter and receiver.
This channel can be used for simple high-speed data connection to
another microprocessor or microcomputer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com