Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8018010FSC Datasheet(PDF) 83 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 83 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 79Page - Zilog, Inc. Z8018010FSC Datasheet HTML 80Page - Zilog, Inc. Z8018010FSC Datasheet HTML 81Page - Zilog, Inc. Z8018010FSC Datasheet HTML 82Page - Zilog, Inc. Z8018010FSC Datasheet HTML 83Page - Zilog, Inc. Z8018010FSC Datasheet HTML 84Page - Zilog, Inc. Z8018010FSC Datasheet HTML 85Page - Zilog, Inc. Z8018010FSC Datasheet HTML 86Page - Zilog, Inc. Z8018010FSC Datasheet HTML 87Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
68
UM005001-ZMP0400
Interrupt Enable Flag 1,2 (IEF1, IEF2)
IEF1 controls the overall enabling and disabling of all internal and
external maskable interrupts (that is, all interrupts except NMI and TRAP.
INT/TRAP Control Register (ITC: 34H)
Bit
7
6
5
4
3
2
1
0
Bit/Field
TRAP
UFO
?
ITE2
ITE1
ITE0
R/W
R/W
R
N/A
R/W
R/W
R/W
Reset
0
0
0
0
0
1
Note: R = Read W = Write X = Indeterminate ? = Not Applicable
Bit
Position
Bit/Field
R/W
Value Description
7
TRAP
R/W
This bit is set to 1 when an undefined Op Code is fetched.
TRAP can be reset under program control by writing it
with 0, however, it cannot be written with 1 under
program control.
6
UFO
R
Undefined Fetch Object (bit 6).
When a TRAP interrupt occurs the contents of UFO allow
determination of the starting address of the undefined
instruction. This action is necessary since the TRAP may
occur on either the second or third byte of the Op Code.
UFO allows the stacked PC value to be correctly adjusted.
If UFO = 0, the first Op Code should be interpreted as the
stacked PC-1. If UFO = 1, the first Op Code address is
stacked PC-2.
2
–0
ITE2
–0
R/W
Interrupt Enable — ITE2, ITE1 and ITE0 enable and
disable the external interrupt inputs INT2, INT1 and
INT0, respectively. If reset to 0, the interrupt is masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com