Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8018010FSC Datasheet(PDF) 61 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 57Page - Zilog, Inc. Z8018010FSC Datasheet HTML 58Page - Zilog, Inc. Z8018010FSC Datasheet HTML 59Page - Zilog, Inc. Z8018010FSC Datasheet HTML 60Page - Zilog, Inc. Z8018010FSC Datasheet HTML 61Page - Zilog, Inc. Z8018010FSC Datasheet HTML 62Page - Zilog, Inc. Z8018010FSC Datasheet HTML 63Page - Zilog, Inc. Z8018010FSC Datasheet HTML 64Page - Zilog, Inc. Z8018010FSC Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
46
UM005001-ZMP0400
DMA
DMA Source Address Register Ch 0L
SAR0L
XX100000
20H
93
DMA Source Address Register Ch 0H
SAR0H
XX100001
21H
93
DMA Source Address Register Ch 0B
SAR0B
XX100010
22H
93
DMA Destination Address Register Ch
0L
DAR0L
XX100011
23H
94
DMA Destination Address Register Ch
0H
DAR0H
XX100100
24H
94
DMA Destination Address Register Ch
0B
DAR0B
XX100101
25H
94
DMA Byte Count Register Ch 0L
BCR0L
XX100110
26H
94
DMA Byte Count Register Ch 0H
BCR0H
XX100111
27H
94
DMA Memory Address Register Ch 1L MAR1L
XX101000
28H
94
DMA Memory Address Register Ch 1H MAR1H
XX101001
29H
94
DMA Memory Address Register Ch 1B MAR1B
XX101010
2AH
94
DMA I/0 Address Register Ch 1L
IAR1L
XX101011
2BH
102
DMA I/0 Address Register Ch 1H
IAR1H
XX101100
2CH
102
Reserved
XX101101
2DH
DMA Byte Count Register Ch 1L
BCR1L
XX101110
2EH
94
DMA Byte Count Register Ch 1H
BCR1H
XX101111
2FH
94
DMA Status Register
DSTAT
XX110000
30H
95
DMA Mode Register
DMODE
XX110001
31H
97
DMA/WAIT Control Register
DCNTL
XX110010
32H
101
Table 6.
I/O Address Map for Z80180-Class Processors Only
(Continued)
Register
Mnemonic
Address
Binary
Hex
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com