Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8018010FSC Datasheet(PDF) 76 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 76 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 72Page - Zilog, Inc. Z8018010FSC Datasheet HTML 73Page - Zilog, Inc. Z8018010FSC Datasheet HTML 74Page - Zilog, Inc. Z8018010FSC Datasheet HTML 75Page - Zilog, Inc. Z8018010FSC Datasheet HTML 76Page - Zilog, Inc. Z8018010FSC Datasheet HTML 77Page - Zilog, Inc. Z8018010FSC Datasheet HTML 78Page - Zilog, Inc. Z8018010FSC Datasheet HTML 79Page - Zilog, Inc. Z8018010FSC Datasheet HTML 80Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
UM005001-ZMP0400
61
MMU Common Base Register (CBR)
CBR specifies the base address (on 4K boundaries) used to generate a 20-
bit physical address for Common Area 1 accesses. All bits of CBR are
reset to 0 during RESET.
MMU Common Base Register (CBR: 38H)
Bit
7
6
5
4
3
2
1
0
Bit/Field
CB7
CB6
CB5
CB4
CB3
CB2
CB1
CB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Note: R = Read W = Write X = Indeterminate ? = Not Applicable
Bit
Position
Bit/Field R/W
Value
Description
7
–0
CB7
–0
R/W
CBR specifies the base address (on 4KB boundaries) used
to generate a 20-bit physical address for Common Area 1
accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com