Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 97Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 98Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 99Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 100Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 101Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 102Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 103Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 104Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 112 page
background image
DS9884 Rev 9
101/112
STM8AF6213/13A/23/23A/26
Package information
108
Figure 49. VFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch very thin profile fine pitch
quad flat package recommended footprint
1. Dimensions are expressed in millimeters.
MSv45245V1
5.30
3.80
0.60
3.60
0.50
5.30
0.30
0.75
3.80
3.80
3.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com