Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 101Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 102Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 103Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 104Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 105Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 106Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 107Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 108Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
DS9884 Rev 9
105/112
STM8AF6213/13A/23/23A/26
Ordering information
108
12
Ordering information
Table 66. STM8AF6213/13A/23/23A/26 ordering information scheme(1)
1. For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the nearest ST Sales Office.
Example
STM8A
F
62
2
3
I
P
C
A
U
Product Class(2)
2. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
8-bit automotive microcontroller
Program memory type
F = Flash + EEPROM
Device family
62 = LIN only
Program memory size
1 = 4 Kbyte
2 = 8 Kbyte
Pin count
3 = 20 pins
6 = 32 pins
HSI accuracy
Blank = ± 5%
I = ± 3%
Package type
T = LQFP
P = TSSOP
U = VFQFPN
Temperature range
A = -40 to 85 °C
C = -40 to 125 °C
D = -40 to 150 °C
Number of ADC analog inputs
Blank = 5 analog inputs
A = 7 analog inputs
Packing
Y = Tray
U = Tube
X = Tape and reel compliant with
EIA 481-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com