Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EEX Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 41Page - STMicroelectronics SPC58EEX Datasheet HTML 42Page - STMicroelectronics SPC58EEX Datasheet HTML 43Page - STMicroelectronics SPC58EEX Datasheet HTML 44Page - STMicroelectronics SPC58EEX Datasheet HTML 45Page - STMicroelectronics SPC58EEX Datasheet HTML 46Page - STMicroelectronics SPC58EEX Datasheet HTML 47Page - STMicroelectronics SPC58EEX Datasheet HTML 48Page - STMicroelectronics SPC58EEX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 154 page
background image
DS11646 Rev 4
45/154
SPC58EEx, SPC58NEx
Electrical characteristics
48
3.11
Oscillators
3.11.1
Crystal oscillator 40 MHz
Table 22. External 40 MHz oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fXTAL
CC
D
Crystal Frequency
Range(1)
—4(2)
8MHz
>8
20
>20
40
tcst
CC
T Crystal start-up time (3),(4)
TJ = 150 °C
—
5
ms
TJ = 165 °C
—
6
trec
CC
D
Crystal recovery time(5)
——
0.5
ms
VIHEXT
CC
D
EXTAL input high
voltage(6) (External
Reference)
VREF = 0.29 * VDD_HV_IO_JTAG VREF +
0.75
—V
VILEXT
CC
D
EXTAL input low
voltage(6) (External
Reference)
VREF = 0.29 * VDD_HV_IO_JTAG
—VREF -
0.75
V
CS_EXTAL
CC
D
Total on-chip stray
capacitance on EXTAL
pin(7)
—3
7
pF
CS_XTAL
CC
D
Total on-chip stray
capacitance on XTAL
pin(7)
—3
7
pF
gm
CC
P
Oscillator
Transconductance
fXTAL = 4 − 8MHz
freq_sel[2:0] = 000
3.9
13.6
mA/V
DfXTAL = 5 - 10 MHz
freq_sel[2:0] = 001
517.5
DfXTAL = 10 − 15 MHz
freq_sel[2:0] = 010
8.6
29.3
PfXTAL = 15 - 20 MHz
freq_sel[2:0] = 011
14.4
48
DfXTAL = 20 - 25 MHz
freq_sel[2:0] = 100
21.2
69
DfXTAL = 25 − 30 MHz
freq_sel[2:0] = 101
27
86
DfXTAL = 30 - 35 MHz
freq_sel[2:0] = 110
33.5
115
PfXTAL = 35 - 40 MHz
freq_sel[2:0] = 111
33.5
115
VEXTAL
CC
D
Oscillation Amplitude on
the EXTAL pin after
startup(8)
TJ = –40 °C to 150 °C
0.5
1.8
V
TJ = 150 °C to 165 °C
0.5
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com