Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EEX Datasheet(PDF) 92 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 88Page - STMicroelectronics SPC58EEX Datasheet HTML 89Page - STMicroelectronics SPC58EEX Datasheet HTML 90Page - STMicroelectronics SPC58EEX Datasheet HTML 91Page - STMicroelectronics SPC58EEX Datasheet HTML 92Page - STMicroelectronics SPC58EEX Datasheet HTML 93Page - STMicroelectronics SPC58EEX Datasheet HTML 94Page - STMicroelectronics SPC58EEX Datasheet HTML 95Page - STMicroelectronics SPC58EEX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
92/154
DS11646 Rev 4
3.18
AC Specifications
All AC timing specifications are valid up to 150 °C, except where explicitly noted.
3.18.1
Debug and calibration interface timing
3.18.1.1
JTAG interface timing
Table 49. JTAG pin AC electrical characteristics
#
Symbol
C
Characteristic
Value(1),(2)
Unit
Min
Max
1tJCYC
CC D TCK cycle time
100
ns
2tJDC
CC T TCK clock pulse width
40
60
%
3tTCKRISE
CC D TCK rise and fall times (40%–70%)
3
ns
4tTMSS, tTDIS CC D TMS, TDI data setup time
5
ns
5tTMSH, tTDIH CC D TMS, TDI data hold time
5
ns
6tTDOV
CC D TCK low to TDO data valid
15(3)
ns
7tTDOI
CC D TCK low to TDO data invalid
0
ns
8tTDOHZ
CC D TCK low to TDO high impedance
15
ns
9tJCMPPW
CC D JCOMP assertion time
100
ns
10
tJCMPS
CC D JCOMP setup time to TCK low
40
ns
11
tBSDV
CC D TCK falling edge to output valid
600(4)
ns
12
tBSDVZ
CC D TCK falling edge to output valid out of high impedance
600
ns
13
tBSDHZ
CC D TCK falling edge to output high impedance
600
ns
14
tBSDST
CC D Boundary scan input valid to TCK rising edge
15
ns
15
tBSDHT
CC D TCK rising edge to boundary scan input invalid
15
ns
1. These specifications apply to JTAG boundary scan only. See Table 50 for functional specifications.
2. JTAG timing specified at VDD_HV_IO_JTAG = 4.0 to 5.5 V and max. loading per pad type as specified in the I/O section of the
datasheet.
3. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.
4. Applies to all pins, limited by pad slew rate. Refer to IO delay and transition specification and add 20 ns for JTAG delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com