Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EEX Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 53Page - STMicroelectronics SPC58EEX Datasheet HTML 54Page - STMicroelectronics SPC58EEX Datasheet HTML 55Page - STMicroelectronics SPC58EEX Datasheet HTML 56Page - STMicroelectronics SPC58EEX Datasheet HTML 57Page - STMicroelectronics SPC58EEX Datasheet HTML 58Page - STMicroelectronics SPC58EEX Datasheet HTML 59Page - STMicroelectronics SPC58EEX Datasheet HTML 60Page - STMicroelectronics SPC58EEX Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 154 page
background image
DS11646 Rev 4
57/154
SPC58EEx, SPC58NEx
Electrical characteristics
66
ΔTUE10
CC
D
TUE degradation due
to VDD_HV_ADR offset
with respect to
VDD_HV_ADV
VIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
[0:25 mV]
–1.0
1.0
LSB
(10b)
VIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
[25:50 mV]
–2.0
2.0
VIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
[50:75 mV]
–3.5
3.5
VIN < VDD_HV_ADV
VDD_HV_ADR − VDD_HV_ADV
[75:100 mV]
–6.0
6.0
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
[0:25 mV]
–2.5
2.5
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
[25:50 mV]
–4.0
4.0
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
[50:75 mV]
–7.0
7.0
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR − VDD_HV_ADV
[75:100 mV]
–12.0
12.0
TUEINJ2
CC
T
TUE degradation
addition, due to current
injection in IINJ2
range.(4)
See Operating Conditions
chapter Table 5, IINJ2
parameter.
3LSB
DNL(6)
CC
P
Differential non-linearity
std. mode
Standard frequency mode,
VDD_HV_ADV > 4 V
VDD_HV_ADR_S > 4 V
–1
2
LSB
(10b)
T
High frequency mode,
VDD_HV_ADV > 4 V
VDD_HV_ADR_S > 4 V
–1
2
1. Minimum ADC sample times are dependent on adequate charge transfer from the external driving circuit to the internal
sample capacitor. The time constant of the entire circuit must allow the sampling capacitor to charge within 1/2 LSB within
the sampling window. Refer to Figure 8 for models of the internal ADC circuit, and the values to use in external RC sizing
and calculating the sampling window duration.
2. IADCREFH and IADCREFL are independent from ADC clock frequency. It depends on conversion rate: consumption is driven
by the transfer of charge between internal capacitances during the conversion.
3. Current parameter values are for a single ADC.
Table 28. ADC-Comparator electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com