Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EEX Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 21Page - STMicroelectronics SPC58EEX Datasheet HTML 22Page - STMicroelectronics SPC58EEX Datasheet HTML 23Page - STMicroelectronics SPC58EEX Datasheet HTML 24Page - STMicroelectronics SPC58EEX Datasheet HTML 25Page - STMicroelectronics SPC58EEX Datasheet HTML 26Page - STMicroelectronics SPC58EEX Datasheet HTML 27Page - STMicroelectronics SPC58EEX Datasheet HTML 28Page - STMicroelectronics SPC58EEX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 154 page
background image
DS11646 Rev 4
25/154
SPC58EEx, SPC58NEx
Electrical characteristics
26
3.7
Device consumption
Table 9. Device consumption
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
IDD_LKG(2),(3)
CC
C
Leakage current on the
VDD_LV supply
TJ =40°C
—
—
40
mA
DTJ = 120 °C
—
—
180
PTJ = 150 °C
—
—
320
DTJ = 165 °C
—
—
500
IDD_LV(3)
CC
P
Dynamic current on
the VDD_LV supply,
very high consumption
profile(4)
—
—
—
489
mA
IDD_HV
CC
P
Total current on the
VDD_HV supply(4)
fMAX
——
97
mA
IDD_MAIN_CORE_AC
CC
T
Main Core dynamic
current(5)
fMAX
——
50
mA
IDD_CHKR_CORE_AC
CC
T
Checker Core dynamic
operating current
fMAX
——
30
mA
IDD_HSM_AC
CC
T
HSM platform dynamic
operating current(6)
fMAX/2
—
—
20
mA
IDD_AMU_AC
CC
T
AMU dynamic
operating current(7)
fMAX
——
20
mA
IDDHALT(8)
CC
T
Dynamic current on
the VDD_LV supply
+Total current on the
VDD_HV supply
—
—
110
180
mA
IDDSTOP(9)
CC
T
Dynamic current on
the VDD_LV supply
+Total current on the
VDD_HV supply
—
—
21
40
mA
IDD_LV_BD
CC
P
Buddy Device
Consumption on
VDD_LV supply(10)
TJ = 150 °C
—
—
500
mA
DTJ = 165 °C
—
—
600
IDD_HV_BD
CC
T
Buddy Device
Consumption on
VDD_HV supply(10)
—
—
—
130
mA
ISPIKE
CC
T
Maximum short term
current spike(11)
< 20 µs
observation
window
—
—
100
mA
dI
SR
D
Current difference ratio
to average current
(dI/avg(I))(12)
20 µs
observation
window
——
20
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com