Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EEX Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 68Page - STMicroelectronics SPC58EEX Datasheet HTML 69Page - STMicroelectronics SPC58EEX Datasheet HTML 70Page - STMicroelectronics SPC58EEX Datasheet HTML 71Page - STMicroelectronics SPC58EEX Datasheet HTML 72Page - STMicroelectronics SPC58EEX Datasheet HTML 73Page - STMicroelectronics SPC58EEX Datasheet HTML 74Page - STMicroelectronics SPC58EEX Datasheet HTML 75Page - STMicroelectronics SPC58EEX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
72/154
DS11646 Rev 4
Table 34. MSC/DSPI LVDS transmitter electrical characteristics (1),(2),(3)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fDATA
SR D
Data rate
—
—
—
80
Mbps
VOS
CC P
Common mode voltage
—
1.08
—
1.32
V
|
ΔVOD|CC P
Differential output voltage swing
(terminated)(4),(5)
—
150
—
400
mV
tTR
CC T
Rise time from -|
ΔVOD(min)| to
+|
ΔVOD(min)|. Fall time from
+|
ΔVOD(min)| to -|ΔVOD(min)|(6)
—
0.8
—
5.8
ns
CL
SR D
External lumped differential load
capacitance(4)
VDD_HV_IO = 4.5 V
—
—
50
pF
VDD_HV_IO = 3.0 V
—
—
39
ILVDS_TX CC C
Transmitter DC current consumption
Enabled
—
—
5.0
mA
IPIN_TX
CC D
Transmitter DC current sourced through
output pin
—
1.5
—
4.0
mA
1. This table is applicable to MSC/DSPI LVDS pads used in MSC configuration (SIUL2_MSCR_IO_n.ODC=100).
2. The MSC and DSPI LVDS pad electrical characteristics are based on the application circuit and typical worst case internal
capacitance values given in Figure 12.
3. All MSC and DSPI LVDS pad electrical characteristics are valid from -40 °C to 165 °C.
4. Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 12.
5. Valid for maximum external load CL.
6. The transition time is measured from 10% to 90% of the voltage transition from -|
ΔVOD|(min) to +|ΔVOD|(min).
Table 35. MSC LVDS transmitter electrical characteristics for LFAST pads. (1),(2),(3)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fDATA
SR D
Data rate
—
—
—
320
Mbps
VOS
CC P
Common mode voltage
—
1.08
—
1.32
V
|
ΔVOD|CC P
Differential output voltage swing
(terminated)(4),(5)
—
120
—
400
mV
tTR
CC T
Rise time from -|
ΔVOD(min)| to
+|
ΔVOD(min)|. Fall time from
+|
ΔVOD(min)| to -|ΔVOD(min)|(6)
—0.26
—
1.4
ns
CL
SR D
External lumped differential load
capacitance(4)
VDD_HV_IO = 4.5 V
—
—
12.0
pF
VDD_HV_IO = 3.0 V
—
—
8.5
ILVDS_TX CC C
Transmitter DC current consumption
Enabled
—
—
5.0
mA
IPIN_TX
CC D
Transmitter DC current sourced through
output pin
—1.5
4.0
mA
1. This table is applicable to LFAST LVDS pads used in MSC configuration (SIUL2_MSCR_IO_n.ODC=100).
2. The MSC and DSPI LVDS pad electrical characteristics are based on the application circuit and typical worst case internal
capacitance values given in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com