Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EEX Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 59Page - STMicroelectronics SPC58EEX Datasheet HTML 60Page - STMicroelectronics SPC58EEX Datasheet HTML 61Page - STMicroelectronics SPC58EEX Datasheet HTML 62Page - STMicroelectronics SPC58EEX Datasheet HTML 63Page - STMicroelectronics SPC58EEX Datasheet HTML 64Page - STMicroelectronics SPC58EEX Datasheet HTML 65Page - STMicroelectronics SPC58EEX Datasheet HTML 66Page - STMicroelectronics SPC58EEX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 154 page
background image
DS11646 Rev 4
63/154
SPC58EEx, SPC58NEx
Electrical characteristics
66
ZCM
CC
D
Common mode
input impedance
(fADCD_M = 16 MHz)
GAIN = 1
1250
1600
2000
k
Ω
D
GAIN = 2
900
1150
1450
D
GAIN = 4
620
850
1050
D
GAIN = 8
450
580
720
D
GAIN = 16
450
580
720
RBIAS
CC D Bias resistance
—
120
160
200
k
Ω
VBIAS
CC D Bias voltage
—
—
VDD_HV_
ADR_D/2
—V
ΔVINTCM
CC D
common mode
input reference
voltage
—–12
(VDD_HV_
ADV +
VSS_HV_
ADV)/2
+12
%
δVBIAS
CC D
Bias voltage
accuracy
—–2.5
—
+2.5
%
Vcmrr
CC T
Common mode
rejection ratio
GAIN = 1
40
—
—
dB
GAIN
≥ 446
—
—
RCaaf
SR D
Anti-aliasing filter
External series
resistance
——
20
k
Ω
CC D
Filter capacitances
180
—
—
pF
fPASSBAND
CC D Pass band(13)
—0.01
—
0.333 *
fADCD_S
kHz
δRIPPLE
CC D Pass band ripple(14) 0.333 * fADCD_Sin
–1
—
1
%
Frolloff
CC D
Stop band
attenuation
[0.5 * fADCD_S,
1.0 * fADCD_S]
40
—
—
dB
[1.0 * fADCD_S,
1.5 * fADCD_S]
45
—
—
[1.5 * fADCD_S,
2.0 * fADCD_S]
50
—
—
[2.0 * fADCD_S,
2.5 * fADCD_S]
55
—
—
[2.5 * fADCD_S,
fADCD_M/2]
60
—
—
Table 29. SDn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com