Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EEX Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 22Page - STMicroelectronics SPC58EEX Datasheet HTML 23Page - STMicroelectronics SPC58EEX Datasheet HTML 24Page - STMicroelectronics SPC58EEX Datasheet HTML 25Page - STMicroelectronics SPC58EEX Datasheet HTML 26Page - STMicroelectronics SPC58EEX Datasheet HTML 27Page - STMicroelectronics SPC58EEX Datasheet HTML 28Page - STMicroelectronics SPC58EEX Datasheet HTML 29Page - STMicroelectronics SPC58EEX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
26/154
DS11646 Rev 4
ISR(13)
CC
D
Current variation
during power up/down
See footnote(14)
—
—
200
mA
IDDOFF
CC
T
Power-off current on
high voltage supply
rails(15)
VDD_HV = 2.5 V
100
—
—
µA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. The leakage considered is the sum of core logic and RAM memories. The contribution of analog modules is not considered,
and they are computed in the dynamic IDD_LV and IDD_HV parameters.
3. IDD_LKG (leakage current) and IDD_LV (dynamic current) are reported as separate parameters, to give an indication of the
consumption contributors. The tests used in validation, characterization and production are verifying that the total
consumption (leakage+dynamic) is lower or equal to the sum of the maximum values provided (IDD_LKG+IDD_LV). The two
parameters, measured separately, may exceed the maximum reported for each, depending on the operative conditions and
the software profile used.
4. Use case: 3 x e200z4 @ 180 MHz with all locksteps on (main core + core0 + dma + irq), HSM @ 90 MHz, all IPs clock
enabled, Flash access with prefetch disabled (Flash consumption includes parallel read and program/erase), all SARADC
and SDADC in continuous conversion, DMA continuously triggered by ADC conversions, 7 CAN / 5 DSPI / 12 LINFlex /
FlexRay, GTM (3 TOM channels, 1 ATOM), FIRC, SIRC, FXOSC, PLL0-1 running. The switching activity estimated for
dynamic consumption does not include I/O toggling, which is highly dependent on the application. Details of the software
configuration are available separately. The total device consumption is IDD_LV + IDD_HV + IDD_LKG for the selected
temperature.
5. Dynamic consumption of one core, including the dedicated I/D-caches and I/D-MEMS contribution.
6. Dynamic consumption of the HSM module, including the dedicated memories, during the execution of Electronic Code
Book crypto algorithm on 1 block of 16 byte of shared RAM.
7. Dynamic consumption of the AMU module standalone.
8. Flash in Low Power. Sysclk at 160 MHz, PLL0_PHI at 160 MHz, XTAL at 40 MHz, FIRC 16 MHz ON, RCOSC1M off.
FlexCAN: instances: 0, 1, 2, 3, 4, 5, 6, 7 ON (configured but no reception or transmission), Ethernet ON (configured but no
reception or transmission), ADC ON (continuously converting). All others IPs clock-gated.
9. Sysclk = RC16 MHz, RC16 MHz ON, RC1 MHz ON, PLL OFF. All possible peripherals off and clock gated. Flash in power
down mode.
10. Worst case usage (data trace, data overlay, full Aurora utilization). If Aurora and JTAGM/LFAST not used, VDD_LV_BD
current is reduced by ~20mA.
11. Current spike may occur during normal operation that are above average current, valid for an application running and if the
following conditions are unchanged: clock configuration, frequency and gating; peripherals activation and configuration;
number of cores and checker-cores activation and configuration; no functional/destructive reset occurring; no mbist/lbist
execution. An internal auxiliary and clamp regulator can be enabled, in order to support internal current variations. Please
refer to the Power Management chapter for the details and the external component requirements.
12. Moving window, measured on application specific pattern, with a maximum of 100 mA for the worst case application.
13. This specification is the maximum value and is a boundary for the dl specification.
14. Condition1: For power on period from 0 V up to normal operation with reset asserted. Condition 2: From reset asserted until
PLL running free. Condition 3: Increasing PLL from free frequency to full frequency. Condition 4: reverse order for power
down to 0 V. Internal schemes must be used by the application (example: frequency ramping feature enable) to ensure that
incremental demands are made on the external power supply within the maximum value. Mbist/Lbist must be configured to
avoid exceeding the maximum value.
15. IDDOFF is the minimum guaranteed consumption of the device during power-up. It can be used to correctly size power-off
ballast in case of current injection during power-off state.
Table 9. Device consumption (continued)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com