Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 134Page - STMicroelectronics ST25DV16KC Datasheet HTML 135Page - STMicroelectronics ST25DV16KC Datasheet HTML 136Page - STMicroelectronics ST25DV16KC Datasheet HTML 137Page - STMicroelectronics ST25DV16KC Datasheet HTML 138Page - STMicroelectronics ST25DV16KC Datasheet HTML 139Page - STMicroelectronics ST25DV16KC Datasheet HTML 140Page - STMicroelectronics ST25DV16KC Datasheet HTML 141Page - STMicroelectronics ST25DV16KC Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 203 page
background image
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
–
10h: block not available
Figure 78. Fast Read Dynamic configuration frame exchange between VCD and ST25DVxxKC
SOF
Fast Read
Dynamic configuration
request
VCD
ST25DVxxKC
EOF
t1
SOF
Fast Read
Dynamic configuration
request
EOF
7.6.44
Fast Write Dynamic Configuration
On receiving the Fast Write Dynamic Configuration command, the ST25DVxxKC updates the Dynamic register
addressed by the pointer.
The Option_flag is not supported. The Inventory_flag must be set to 0.
The data rate of the response is multiplied by 2 compared to Write Dynamic Configuration command.
Table 241. Fast Write Dynamic Configuration request format
Request
SOF
Request_flags
Fast Write
Dynamic
Configuration
IC Mfg
code
UID (1)
Pointer
address
Register
Value
CRC16
Request
EOF
-
8 bits
CEh
02h
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (optional)
•
Pointer address
•
Register value
Table 242. Fast Write Dynamic Configuration response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameters:
•
No parameter. The response is sent back after t1.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 138/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com