Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 138Page - STMicroelectronics ST25DV16KC Datasheet HTML 139Page - STMicroelectronics ST25DV16KC Datasheet HTML 140Page - STMicroelectronics ST25DV16KC Datasheet HTML 141Page - STMicroelectronics ST25DV16KC Datasheet HTML 142Page - STMicroelectronics ST25DV16KC Datasheet HTML 143Page - STMicroelectronics ST25DV16KC Datasheet HTML 144Page - STMicroelectronics ST25DV16KC Datasheet HTML 145Page - STMicroelectronics ST25DV16KC Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 203 page
background image
9.2
I2C DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device in I2C mode. The parameters in the DC and AC characteristic tables that follow are derived from tests
performed under the measurement conditions summarized in the relevant tables. Designers should check that the
operating conditions in their circuit match the measurement conditions when relying on the quoted parameters.
Table 246. I2C operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
Range 6
All packages
-40
85
°C
Range 8
UFDFPN8, UFDFPN12
-40
105
°C
SO8N, TSSOP8
-40
125
°C
Table 247. AC test measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
tr, tf
Input rise and fall times
-
50
ns
Vhi-lo
Input levels
0.2VCC to 0.8VCC
V
Vref(t)
Input and output timing reference levels
0.3VCC to 0.7VCC
V
Figure 80. AC test measurement I/O waveform
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels
Table 248. Input parameters
Symbol
Parameter
Min.
Max.
Unit
CIN
Input capacitance (SDA)
-
8
pF
CIN
Input capacitance (other pins)
-
6
pF
tNS (1)
Pulse width ignored (Input filter on SCL and SDA)
-
80
ns
1. Evaluated By Characterization – Not tested in production.
ST25DV04KC ST25DV16KC ST25DV64KC
I2C DC and AC parameters
DS13519 - Rev 3
page 142/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com