Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 137Page - STMicroelectronics ST25DV16KC Datasheet HTML 138Page - STMicroelectronics ST25DV16KC Datasheet HTML 139Page - STMicroelectronics ST25DV16KC Datasheet HTML 140Page - STMicroelectronics ST25DV16KC Datasheet HTML 141Page - STMicroelectronics ST25DV16KC Datasheet HTML 142Page - STMicroelectronics ST25DV16KC Datasheet HTML 143Page - STMicroelectronics ST25DV16KC Datasheet HTML 144Page - STMicroelectronics ST25DV16KC Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 203 page
background image
9
Device parameters
9.1
Maximum rating
Stressing the device above the rating listed in Table 245 may cause permanent damage to the device. These
are stress ratings only and operation of the device, at these or any other conditions above those indicated in
the operating sections of this specification, is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect the device reliability. Device mission profile (application conditions) is compliant with
JEDEC JESD47 qualification standard. Extended mission profiles can be assessed on demand.
Refer also to the STMicroelectronics SURE Program and other relevant quality documents.
Table 245. Absolute maximum ratings
Symbol
Parameter
Min.
Max. Unit
TA
Ambient operating temperature
Range 6
All packages
RF and
I2C interfaces
-40
85
°C
Range 8
UFDFPN8, UFDFPN12
RF and
I2C interfaces
- 40
105
°C
SO8N, TSSOP
RF interface
- 40
105
°C
I2C interface
- 40
125
°C
TSTG
Storage temperature
UFDFPN8 (MLP8),SO8N, TSSOP8, UFDFPN12, WLCSP10
- 65
150
°C
TLEAD
Lead temperature during soldering
see note (1)
°C
VIO
I2C input or output range
- 0.50 6.5
V
VCC
I2C supply voltage
- 0.50 6.5
V
IOL_MAX_SDA DC output current on pin SDA (when equal to 0)
-
5
mA
IOL_MAX_GPO DC output current on pin GPO (when equal to 0)
-
1.5
mA
VMAX_1
RF input voltage amplitude peak to peak between AC0 and AC1, VSS pin left floating(2)
VAC0 - VAC1
-
11
V
VMAX_2
AC voltage between AC0 and VSS, or AC1 and VSS (2)
VAC0 - VSS,
or VAC1 - VSS
- 0.50 5.5
V
VESD
Electrostatic discharge voltage (human body model) (3)
All pins
-
2000 V
1. Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the ST ECOPACK
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU.
2. Evaluated By Characterization – Not tested in production.
3. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114, C1 = 100 pF, R1 = 1500 Ω, R2 = 500 Ω)
ST25DV04KC ST25DV16KC ST25DV64KC
Device parameters
DS13519 - Rev 3
page 141/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com