Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 23Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 24Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 25Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 26Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 27Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 28Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 29Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 30Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 147 page
background image
Package pinouts and signal descriptions
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
27
2.2.3
System pins
Table 7 shows the system pins for the MPC5675K in the 257 MAPBGA package. Table 8 shows the system pins for the
MPC5675K in the 473 MAPBGA package.
Table6. 473MAPBGA pins not populated on package
E5
E6
E7
E8
E9
E10
E11
E12
E13
E14
E15
E16
E17
E18
E19
F5
F19
G5
G19
H5
H19
J5
J19
K5
K19
L5
L19
M5
M19
N5
N19
P5
P19
R5
R19
T5
T19
U5
U19
V5
V19
W5
W6W7W8
W9
W10
W11
W12W13
W14W15
W16W17
W18W19
Table 7. 257 MAPBGA system pins
Ball
number
Ball name
Weak pull
during reset
Safe mode
default condition
Pad type
Power domain
C4
FCCU_F[1]
disabled
not available
GP Slow/Medium
VDD_HV_IO
C10
JCOMP
pulldown
not available
GP Slow
VDD_HV_IO
E1
Nexus MDO[0]1
1 Do not connect pin directly to a power supply or ground.
—
not available
GP Slow/Fast
VDD_HV_IO
E4
NMI
pullup
not available
GP Slow
VDD_HV_IO
L15
TCK2
2 If LBIST is enabled, an external pull between 1K and 100K ohm must be connected from TCK to either power or
ground to avoid LBIST failures.
pullup
not available
GP Slow
VDD_HV_IO
M16
TMS
pullup
not available
GP Slow
VDD_HV_IO
N1
XTALIN
—
not available
Analog Feedthrough
VDD_HV_IO
P2
RESET
pulldown
not available
Reset
VDD_HV_IO
R1
XTALOUT
—
not available
Analog Feedthrough
VDD_HV_IO
R2
FCCU_F[0]
disabled
not available
GP Slow/Medium
VDD_HV_IO
R13
VREG_CTRL
——
Analog Feedthrough
VDD_REG
U12
VREG_INT_ENABLE
——
Analog Feedthrough
VDD_HV_IO
U13
RESET_SUP
pulldown
—
Analog Feedthrough
VDD_HV_IO
Table 8. 473 MAPBGA system pins
Ball
number
Ball name
Weak pull
during reset
Safe mode
default condition
Pad type
Power domain
C4
FCCU_F[1]
disabled
not available
GP Slow/Medium
VDD_HV_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com