Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 71Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 72Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 73Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 74Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 75Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 76Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 77Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 78Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
75
3.8.2
PMC board schematic and components
Figure 7 shows a sample application for the PMC.
Table 17. PMC electrical specifications
No.
Symbol
Parameter
Min
Typ
Max
Unit
1
VDD_LV_COR CC Nominal VRC regulated 1.2 V output
VDD_LV_COR
Vrc after reset 1.2V output with DC load
—
1.178
1.24
1.240
—
1.302
V
2
PorC
CC POR rising VDD 1.2 V
• POR VDD variation
• POR 1.2 V hysteresis
—
PorC – 30%
—
0.7
PorC
75
—
PorC + 30%
—
V
V
mV
3
LvdC
CC Nominal LVD 1.2 V
• LVD rising supply 1.2V after reset
• LVD rising supply 1.2V at reset
• LVD falling supply 1.2V after reset
• LVD falling supply 1.2V at reset
—
1.125
1.17
1.110
1.155
1.16
1.16
1.215
1.145
1.2
—
1.195
1.26
1.18
1.245
V
V
V
V
V
4
HvdC
CC Nominal HVD 1.2 V
• HVD rising supply 1.2V after reset
• HVD rising supply 1.2V at reset
• HVD falling supply 1.2V after reset
• HVD falling supply 1.2V at reset
—
1.32
1.38
1.29
1.35
1.36
1.36
1.44
1.33
1.41
—
1.4
1.5
1.37
1.47
V
V
V
V
5
PorReg
CC POR rising on VDDREG
• POR VDDREG variation
• POR VDDREG hysteresis
—
PorReg–30%
—
2.00
PorReg
250
—
PorReg + 30%
—
V
V
mV
6
LvdReg
CC Nominal rising LVD 3.3 V on VDDREG,
VDDIO, VDDFLASH, and VDDADC
• LVD 3.3 V rising supply after reset
• LVD 3.3 V rising supply at reset
• LVD 3.3 V falling supply after reset
• LVD 3.3 V falling supply at reset
• Minimum slew rate
• Maximum slew rate
—
2.78
2.765
2.75
2.735
—
—
2.865
2.865
2.865
2.835
2.835
50
25
—
2.95
2.965
2.92
2.935
—
—
V
V
V
V
V
mV/ms
mV/µs
7
LvdStepReg CC Trimming step LVD 3.3 V
—
30
—
mV
8Vadctol
CC Voltage tolerance of PMC channels1
1 This tolerance can only be achieved when adhering to the PMC internal channel sample time requirements listed
in the ADC specifications section.
-20
—
+20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com