Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 74Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 75Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 76Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 77Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 78Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 79Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 80Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 81Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Electrical characteristics
NXP Semiconductors
78
×
3.12
FMPLL electrical characteristics
Table 21. Main oscillator electrical characteristics
No.
Symbol
Parameter
Conditions1
1 V
DD = 3.0 V to 3.6 V, TJ = –40 to 150 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
1FXOSCHS
SR Oscillator frequency
—
4.0
—
40.0
MHz
2a
TXOSCHSSU CC Oscillator start-up time fOSC <16MHz
—
6
10
ms
2b
fOSC = 16 MHz to 40 MHz
—
2
4
3VIH
SR Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
0.65 × VDD
—VDD +0.4
V
4VIL
SR Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
–0.4
—
0.35 × VDD
V
Table 22. FMPLL electrical characteristics
No.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
fREF_CRYSTAL
fREF_EXT
D FMPLL reference frequency
range1, 2
Crystal reference
4
—
120
MHz
2fPLL_IN
D Phase detector input frequency
range (after pre-divider)
—4
—
16
MHz
3fFMPLLOUT D Clock frequency range in
normal mode
See the FMPLL chapter in the
chip reference manual for more
details on PLL configuration.
16
—
256
MHz
4fFREE
P Free running frequency
Measured using clock division
(typically
÷16)
19
—
60
MHz
5fsys
D On-chip FMPLL frequency2
—
—
—
180
MHz
6tCYC
D System clock period
—
—
—
1 / fsys
ns
7a
fLORL
fLORH
D Loss of reference frequency
window3
Lower limit
1.6
—
3.7
MHz
7b
Upper limit
24
—
56
8fSCM
D Self-clocked mode frequency4,5
—
20
—
150
MHz
9tLOCK
PLock time
Stable oscillator (fPLLIN =4MHz),
stable VDD
—
—
200
µs
10
tlpll
D FMPLL lock time 6, 7
—
—
—
200
μs
11
tdc
D Duty cycle of reference
—20
—
80
%
12a
CJITTER
T CLKOUT period jitter8,9,10,11
Peak-to-peak (clock edge to
clock edge), fFMPLLOUT
maximum12
—
—
160
ps
12b
Long-term jitter (avg. over 2 ms
interval), fFMPLLOUT maximum
——
6
ns
13
Δt
PKJIT
T Single period jitter (peak to
peak)
PHI @ 16 MHz,
Input clock @ 4 MHz
——
±500
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com