Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 88Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 89Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 90Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 91Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 92Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 93Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 94Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 95Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Electrical characteristics
NXP Semiconductors
92
3.18.1
PDI pad current specifications
The power consumption of an I/O segment is dependent on the usage of the pins on a particular segment. The power
consumption is the sum of all output pin currents for a particular segment. The output pin current can be calculated based on
the voltage, frequency, and load on the pin.
3.18.2
Power Sequence Pin States for PDI Pads
2
PDI Fast
0.8/0.7
--------
1.1/1.08
10/10
1.1/1.1
—
50
11
15/15
2.6/2.6
200
15/15
2.4/2.4
50
10
22/22
5/5
200
24/24
5/5
50
01
33/33
8/8
200
66/66
16/16
50
00
84/84
21/21
200
1
L
→ H signifies low-to-high propagation delay and H → L signifies high-to-low propagation delay.
Table 41. PDI pad current specifications
Pad Type
Frequency
(MHz)
Load
(pF)
Voltage
(V)
Drive/Slew Rate
Select
Current
(mA)
PDI Medium
66
50
3.6
11
8.7
33
50
3.6
10
3.8
20
50
3.6
01
2.3
3
50
3.6
00
0.38
3200
3.6
00
1.5
PDI Fast
66
50
3.6
11
12
50
50
3.6
10
6.2
33
50
3.6
01
4.0
20
50
3.6
00
2.4
20
200
3.6
00
8.9
Table 42. Power sequence pin states for PDI pads
VDD_LV_COR
VDD_HV_IO
VDD_HV_PDI
Pad Function
Low
Low
High
Outputs drive high
Table 40. PDI pads AC electrical characteristics (continued)
No.
Name
Prop. Delay (ns)
L
→ H/H → L1
Rise/Fall Edge
(ns)
Drive Load
(pF)
Drive/Slew
Rate Select
MinMax
MinMax
MSB, LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com