Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 114 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 114 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 110Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 111Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 112Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 113Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 114Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 115Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 116Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 117Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 118Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
114
Rev 5
Name
Location
Rst Wk
Dir
Description
EX_XFER
EX_RTC1S
EX_RTC1M
EX_RTCT
EX_SPI
EX_EEX
EX_XPULSE
EX_YPULSE
EX_WPULSE
EX_VPULSE
2700[0]
2700[1]
2700[2]
2700[3]
2701[7]
2700[7]
2700[6]
2700[5]
2701[6]
2701[5]
0
0
R/W
Interrupt enable bits. These bits enable the XFER_BUSY, the RTC_1SEC,
etc. The bits are set by hardware and cannot be set by writing a 1. The bits
are reset by writing 0. Note that if one of these interrupts is to enabled, its
corresponding 8051 EX enable bit must also be set. See 2.4.8 Interrupts for
details.
EW_DIO4
28B3[2]
0
–
R/W
Connects SEGDIO4 to the WAKE logic and permits SEGDIO4 rising to wake
the part. This bit has no effect unless DIO4 is configured as a digital input.
EW_DIO52
28B3[1]
0
–
R/W
Connects SEGDIO52 to the WAKE logic and permits SEGDIO52 rising to
wake the part. This bit has no effect unless SEGDIO52 is configured as a
digital input.
The SEGDIO52 pin is only available in the 71M6542F/G.
EW_DIO55
28B3[0]
0
–
R/W
Connects SEGDIO55 to the WAKE logic and permits SEGDIO55 rising to
wake the part. This bit has no effect unless SEGDIO55 is configured as a
digital input.
EW_PB
28B3[3]
0
–
R/W
Connects PB to the WAKE logic and permits a high level on PB to wake the
part. PB is always configured as an input.
EW_RX
28B3[4]
0
–
R/W
Connects RX to the WAKE logic and permits RX rising to wake the part. See
the WAKE description on page 87 for de-bounce issues.
FIR_LEN[1:0]
210C[2:1]
0
0
R/W
Determines the number of ADC cycles in the ADC decimation FIR filter.
PLL_FAST = 1:
FIR_LEN[1:0]
ADC Cycles
00
141
01
288
10
384
PLL_FAST = 0:
FIR_LEN[1:0]
ADC Cycles
00
135
01
276
10
Not Allowed
The ADC LSB size and full-scale values depend on the FIR_LEN[1:0] setting.
Refer to 6.4.15 ADC Converter on page 150.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com