Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 118 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 118 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 114Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 115Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 116Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 117Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 118Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 119Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 120Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
118
Rev 5
Name
Location
Rst Wk
Dir
Description
LCD_SEG0[5:0]
to
LCD_SEG15[5:0]
2410[5:0] to
241F[5:0]
0
–
R/W
SEG Data for SEG0 through SEG15. DIO data for these pins is in SFR
space.
LCD_SEGDIO16[5:0]
to
LCD_SEGDIO45[5:0]
2420[5:0] to
243D[5:0]
0
–
R/W
SEG and DIO data for SEGDIO16 through SEGDIO45. If configured as DIO,
bit 1 is direction (1 is output, 0 is input), bit 0 is data, and the other bits are
ignored.
LCD_SEG46[5:0]
to
LCD_SEG50[5:0]
243E[5:0] to 2442[5:0]
0
–
R/W
SEG data for SEG46 through SEG50. These pins cannot be configured as
DIO.
LCD_SEGDIO51[5:0]
to
LCD_SEGDIO55[5:0]
2443[5:0] to 2447[5:0]
0
–
R/W
SEG and DIO data for SEGDIO51 through SEGDIO55. If configured as DIO,
bit 1 is direction (1 is output, 0 is input), bit 0 is data, and the other bits are
ignored.
SEGDIO52 through SEDIO54 are available only on the 71M6542F/G.
LCD_VMODE[1:0]
2401[7:6]
00 00 R/W
Specifies how VLCD is generated. See 2.5.8.4 for the definition of V3P3L.
LCD_VMODE
Description
11
External VLCD
10
LCD boost and LCD DAC enabled
01
LCD DAC enabled
00
No boost and no DAC. VLCD=V3P3L.
LCD_Y
2400[2]
0
–
R/W
LCD Blink Frequency (ignored if blink is disabled).
1 = 1 Hz, 0 = 0.5 Hz
LKPADDR[6:0]
2887[6:0]
0
0
R/W The address for reading and writing the RTC lookup RAM
LKPAUTOI
2887[7]
0
0
R/W
Auto-increment flag. When set, LKPADDR auto-increments every time
LKP_RD or LKP_WR is pulsed. The incremented address can be read at
LKPADDR[6:0].
LKPDAT[7:0]
2888[7:0]
0
0
R/W The data for reading and writing the RTC lookup RAM.
LKP_RD
LKP_WR
2889[1]
2889[0]
0
0
0
0
R/W
R/W
Strobe bits for the RTC lookup RAM read and write. When set, the
LKPADDR[6:0] field and LKPDAT register is used in a read or write
operation. When a strobe is set, it stays set until the operation completes, at
which time the strobe is cleared and LKPADDR[6:0] is incremented if the
LKPAUTOI bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com