Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 122 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 122 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 118Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 119Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 120Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 124Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 125Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 126Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
122
Rev 5
Name
Location
Rst Wk
Dir
Description
RTC_P[16:14]
RTC_P[13:6]
RTC_P[5:0]
289B[2:0]
289C[7:0]
289D[7:2]
4
0
0
4
0
0
R/W
RTC adjust. See 2.5.4 Real-Time Clock (RTC).
0x0FFBF
≤ RTC_P ≤ 0x10040
Note: RTC_P[16:0] and RTC_Q[1:0] form a single 19-bit RTC adjustment value.
RTC_Q[1:0]
289D[1:0]
0
0
R/W
RTC adjust. See 2.5.4 Real-Time Clock (RTC).
Note: RTC_P[16:0] and RTC_Q[1:0] form a single 19-bit RTC adjustment value.
RTC_RD
2890[6]
0
0
R/W
Freezes the RTC shadow register so it is suitable for MPU reads. When
RTC_RD is read, it returns the status of the shadow register: 0 = up to date, 1
= frozen.
RTC_SBSC[7:0]
2892[7:0]
–
–
R
Time remaining until the next 1 second boundary. LSB = 1/128 second.
RTC_TMIN[5:0]
289E[5:0]
0
–
R/W The target minutes register. See RTC_THR below.
RTC_THR[4:0]
289F[4:0]
0
–
R/W
The target hours register. The RTC_T interrupt occurs when RTC_MIN
becomes equal to RTC_TMIN and RTC_HR becomes equal to RTC_THR.
RTC_WR
2890[7]
0
0
R/W
Freezes the RTC shadow register so it is suitable for MPU writes. When
RTC_WR is cleared, the contents of the shadow register are written to the
RTC counter on the next RTC clock (~500 Hz). When RTC_WR is read, it
returns 1 as long as RTC_WR is set. It continues to return one until the RTC
counter actually updates.
RTC_SEC[5:0]
RTC_MIN[5:0]
RTC_HR[4:0]
RTC_DAY[2:0]
RTC_DATE[4:0]
RTC_MO[3:0]
RTC_YR[7:0]
2893[5:0]
2894[5:0]
2895[4:0]
2896[2:0]
2897[4:0]
2898[3:0]
2899[7:0]
–
–
–
–
–
–
–
–
–
–
–
–
–
–
R/W
The RTC interface registers. These are the year, month, day, hour, minute
and second parameters for the RTC. The RTC is set by writing to these
registers. Year 00 and all others divisible by 4 are defined as a leap year.
SEC
00 to 59
MIN
00 to 59
HR
00 to 23 (00 = Midnight)
DAY
01 to 07 (01 = Sunday)
DATE 01 to 31
MO
01 to 12
YR
00 to 99
Each write operation to one of these registers must be preceded by a write to
0x2890.
RTCA_ADJ[6:0]
2504[7:0]
40 –
R/W Analog RTC frequency adjust register.
RTM_E
2106[1]
0
0
R/W Real Time Monitor enable. When 0, the RTM output is low.
RTM0[9:8]
RTM0[7:0]
RTM1[7:0]
RTM2[7:0]
RTM3[7:0]
210D[1:0]
210E[7:0]
210F[7:0]
2110[7:0]
2111[7:0]
0
0
0
0
0
0
0
0
0
0
R/W
Four RTM probes. Before each CE code pass, the values of these registers
are serially output on the RTM pin. The RTM registers are ignored when
RTM_E = 0. Note that RTM0 is 10 bits wide. The others assume the upper
two bits are 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com