Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 120 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 120 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 116Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 117Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 118Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 119Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 120Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 124Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
120
Rev 5
Name
Location
Rst Wk
Dir
Description
OPT_RXINV
2457[1]
0
–
R/W
Inverts result from OPT_RX comparator when 1. Affects only the UART input.
Has no effect when OPT_RX is used as a DIO input.
OPT_TXE [1:0]
2456[3:2]
00 –
R/W
Configures the OPT_TX output pin.
If LCD_MAP[51] = 0:
00 = DIO51, 01 = OPT_TX, 10 = WPULSE, 11 = VARPULSE
If LCD_MAP[51] = 1:
xx = SEG51
OPT_TXINV
2456[0]
0
–
R/W Invert OPT_TX when 1. This inversion occurs before modulation.
OPT_TXMOD
2456[1]
0
–
R/W
Enables modulation of OPT_TX. When OPT_TXMOD is set, OPT_TX is
modulated when it would otherwise have been zero. The modulation is applied
after any inversion caused by OPT_TXINV.
OSC_COMP
28A0[5]
0
–
R/W
Enables the automatic update of RTC_P and RTC_Q every time the temperature
is measured.
PB_STATE
SFR F8[0]
0
0
R
The de-bounced state of the PB pin.
PERR_RD
PERR_WR
SFR FC[6]
SFR FC[5]
0
0
R/W
The IC sets these bits to indicate that a parity error on the remote sensor has
been detected. Once set, the bits are remembered until they are cleared by
the MPU.
PLL_OK
SFR F9[4]
0
0
R
Indicates that the clock generation PLL is settled.
PLL_FAST
2200[4]
0
0
R/W
Controls the speed of the PLL and MCK.
1 = 19.66 MHz (XTAL * 600)
0 = 6.29 MHz (XTAL * 192)
PLS_MAXWIDTH[7:0]
210A[7:0]
FF FF R/W
PLS_MAXWIDTH[7:0] determines the maximum width of the pulse (low-going
pulse if PLS_INV=0 or high-going pulse if PLS_INV=1). The maximum pulse
width is (2*PLS_MAXWIDTH[7:0] + 1)*TI. Where TI is PLS_INTERVAL[7:0] in
units of CK_FIR clock cycles. If PLS_INTERVAL[7:0] = 0 or
PLS_MAXWIDTH[7:0] = 255, no pulse width checking is performed and the
output pulses have 50% duty cycle. See 2.3.6.2 VPULSE and WPULSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com