Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGTR/F Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 56Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 57Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 58Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 59Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 60Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 61Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 62Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 63Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
Maxim Integrated │ 60
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 13. I/O RAM Locations in Alphabetical Order (continued)
NAME
LOCATION RSTWK DIR
DESCRIPTION
RTC_THR[4:0]
289F[4:0]
0
– R/W Thetargethoursregister.TheRTC_TinterruptoccurswhenRTC_MINbecomesequaltoRTC_TMINandRTC_HR
becomesequaltoRTC_THR.
RTC_WR
2890[7]
0
0 R/W
Freezes the RTC shadow register so it is suitable for MPU writes. When RTC_WR is cleared, the contents of the
shadow register are written to the RTC counter on the next RTC clock (~500 Hz). When RTC_WR is read, it returns
1 as long as RTC_WR is set. It continues to return one until the RTC counter actually updates.
RTC_SEC[5:0]
RTC_MIN[5:0]
RTC_HR[4:0]
RTC_DAY[2:0]
RTC_DATE[4:0]
RTC_MO[3:0]
RTC_YR[7:0]
2893[5:0]
2894[5:0]
2895[4:0]
2896[2:0]
2897[4:0]
2898[3:0]
2899[7:0]
–
–
–
–
–
–
–
–
–
–
–
–
–
–
R/W
The RTC interface registers. These are the year, month, day, hour, minute and second parameters for the RTC. The
RTCissetbywritingtotheseregisters.Year00andallothersdivisibleby4aredefinedasaleapyear.
SEC
00 to 59
MIN
00 to 59
HR
00 to 23 (00 = Midnight)
DAY
01 to 07 (01 = Sunday)
DATE
01 to 31
MO
01 to 12
YR
00 to 99
Each write operation to one of these registers must be preceded by a write to 0x20A0.
RTM_E
2106[1]
0
0 R/W Real Time Monitor enable. When 0, the RTM output is low.
RTM0[9:8]
RTM0[7:0]
RTM1[7:0]
RTM2[7:0]
RTM3[7:0]
210D[1:0]
210E[7:0]
210F[7:0]
2110[7:0]
2111[7:0]
0
0
0
0
0
0
0
0
0
0
R/W
Four RTM probes. Before each CE code pass, the values of these registers are serially output on the RTM pin. The
RTM registers are ignored when RTM_E = 0. Note that RTM0 is 10 bits wide. The others assume the upper two bits
are 00.
SBASE:[10:0]
2519[2:0]
251A[7:0]
0
0 R/W Base temperature for limit checking
SECURE
SFR B2[6]
0
0 R/W Inhibitserasureofpage0andflashaddressesabovethebeginningofCEcodeasdefinedbyCE_LCTN[6:0]for
71M6543GT/GHTandCE_LCTN[5:0]for71M6543FT/HT.AlsoinhibitsthereadofflashviatheSPIandICEport.
SFILT
251D[3:0]
0
0 R/W Filter variable for wake on temperature extremes.
SLEEP
28B2[7]
0
0 W Puts the part to SLP mode. Ignored if system power is present. The part wakes when the Wake timer expires, when
push button is pushed, or when system power returns.
SLOT_EXT[3:0]
2112[3:0]
0
0 R/S If non-zero, will extend the duration of time slot zero by up to 15 extra crystal cycles. The ADC result for time slot
zerowillbeleft-shiftedninebitsifSLOT_EXT=0andfourbitsifSLOT_EXT≠0.
SMAX[6:0]
251B[6:0]
0
0 R/W Maximum temperature for limit checking
SMIN[6:0]
251C[6:0]
0
0 R/W Minimum temperature for limit checking
SPI_CMD[7:0]
SFR FD[7:0] –
– R SPI command register for the 8-bit command from the bus master.
SPI_E
270C[4]
1
1 R/W SPIportenable.EnablesSPIinterfaceonpinsSEGDIO36–SEGDIO39.RequiresthatLCD_MAP[36-39]=0.
SPI_SAFE
270C[3]
0
0 R/W Limits SPI writes to SPI_CMD and a 16-byte region in DRAM. No other writes are permitted.
SPI_STAT[7:0]
2708[7:0]
0
0 R
SPI_STAT contains the status results from the previous SPI transaction.
Bit 7: Ready error: The 71M654xT was not ready to read or write as directed by the previous command.
Bit 6: Read data parity: This bit is the parity of all bytes read from the 71M654xT in the previous command. Does
not include the SPI_STAT byte.
Bit 5: Write data parity: This bit is the overall parity of the bytes written to the 71M654xT in the previous command.
It includes CMD and ADDR bytes.
Bit 4-2: Bottom 3 bits of the byte count. Does not include ADDR and CMD bytes. One, two, and three byte
instructions return 111.
Bit 1: SPI FLASH mode: This bit is zero when the TEST pin is zero.
Bit0:SPIFLASHmodeready:UsedinSPIFLASHmode.Indicatesthattheflashisreadytoreceiveanotherwrite
instruction.
STEMP[15:0]
2881[7:0]
2882[7:0]
–
– R The result of the temperature measurement.
SUM_SAMPS[12:8]
SUM_SAMPS[7:0]
2107[4:0]
2108[7:0]
0
0 R/W The number of multiplexer cycles per XFER_BUSY interrupt. Maximum value is 8191 cycles.
TC_A[9:0]
2508[1:0]
2509[7:0]
0
0 R/W Temperaturecompensationfactorforquadraticcompensation.
TC_B[11:0]
250A[3:0]
205B[7:0]
0
0 R/W Temperaturecompensationfactorforquadraticcompensation.
TC_C[11:0]
289C[3:0]
289D[7:0]
0
0 R/W Temperaturecompensationfactorforquadraticcompensation.
TEMP_22[12:8]
TEMP_22[7:0]
230A[4:0]
230B[7:0]
0
– R Storage location for STEMP at 22NC. STEMP is an 11-bit word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com