Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGTR/F Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 37Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 38Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 39Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 40Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 41Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 42Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 43Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 44Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
Maxim Integrated │ 41
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Figure 8. Waveforms Comparing Voltage, Current, Energy per Interval, and Accumulated Energy
When system power is restored, the 71M654xT
automatically transitions from any of the battery modes
(BRN, LCD, SLP) back to MSN mode, switches back
to using system power (VV3P3SYS, VV3P3A), issues an
interrupt and updates VSTAT[1:0]. The MPU software
should restore MSN mode operation by issuing a soft
reset to restore system settings to values appropriate for
MSN mode.
Transitions from both LCD and SLP mode to BRN mode
can be initiated by the following events:
1) Wake-up timer timeout.
2) Pushbutton (PB) is activated.
3) A rising edge on SEGDIO4, SEGDIO52, or SEGDIO55.
4) Activity on the RX or OPT_RX pins.
Brownout Mode
In BRN mode, most nonmetering digital functions are
active including ICE, UART, EEPROM, LCD and RTC. In
BRN mode, the PLL continues to function at the same fre-
quencyasMSNmode.ItisuptotheMPUtoreducethe
PLLfrequencyortheMPUfrequencyinordertominimize
power consumption.
From BRN mode, the MPU can choose to enter LCD or
SLP modes. When system power is restored while the
71M654xT is in BRN mode, the part automatically transi-
tions to MSN mode.
LCD Only Mode
LCD mode may be commanded by the MPU at any time
by setting the LCD_ONLY control bit. However, it is rec-
ommended that the LCD_ONLY control bit be set by the
MPU only after the 71M654xT has entered BRN mode.
For example, if the 71M654xT is in MSN mode when
LCD_ONLY is set, the duration of LCD mode is very brief
and the 71M654xT immediately wakes.
In LCD mode, VV3P3D is disabled, thus removing all
current leakage from the VBAT pin. Before asserting
LCD_ONLY mode, it is recommended that the MPU
minimizePLLcurrentbyreducingtheoutputfrequencyof
the PLL to 6.2MHz (i.e., write PLL_FAST = 0).
-500
-400
-300
-200
-100
0
100
200
300
400
500
05
10
15
20
TIME (ms)
VOLTAGE (V)
CURRENT (A)
ENERGY PER INTERVAL (Ws)
ACCUMULATED ENERGY (Ws)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com