Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGTR/F Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 28Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 29Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 30Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 31Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 32Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 33Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 34Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 35Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
Maxim Integrated │ 32
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 10. Flash Banks
resides. The address of the CE program is 0bXXXX XX00
0000 0000, where XXXX XX represents one of the 64
1KB pages at which the CE program begins.
Flash memory can be accessed by the MPU and the CE
for reading, and by the SPI interface for reading or writing.
The program memory of the 71M6543GT/71M6543GHT
consists of a fixed lower bank area of 32 kB addressable
at 0x0000 to 0x7FFF plus an upper bank area of 32 kB,
addressable at 0x8000 to 0xFFFF. The upper bank area
is banked using the I/O RAM FLSH_BANK register as
follows. Note that when FLSH_BANK[1:0] = 00, the upper
bank area is the same as the lower bank area (Table 10).
The flash memory page address register FLSH_
PGADR[6:0] (SFR B7[7:1]) points to an address in
the 71M6543GT/71M6543GHT program address space.
This address in the 71M6543GT/71M6543GHT program
address space can refer to different flash memory address-
es, depending on the setting of the FLSH_BANK[1:0] bits.
The CE location register (CE_LCTN[6:0]), on the other
hand, points directly to an address in the flash memory
and is not affected by the FLSH_BANK[1:0] bits.
When the SECURE bit (SFR B2[6]) is set to a 1, page
erase of certain flash memory pages is blocked. These
pages are page 0 (flash memory address range 0x00000
–0x003FF) and all pages between the start of the CE
program (CE_LCTN[6:0]) and flash memory address
0x1FFFF.
While operating in SPI flash mode (SFM), SPI single-
byte transactions are used to write to FLSH_BANK[1:0].
During a SPI single-byte transaction, SPI_CMD[1:0]
overwrites the contents of FLSH_BANK[1:0]. This allows
access to the entire 128KB flash memory while operating
in SFM on the 71M6543GT/71M6543GHT.
MPU/CE RAM
The 71M6543FT/HT/GT/GHT includes 5KB of static RAM
memory on-chip (XRAM) plus 256 bytes of internal RAM
in the MPU core. The static RAM is used for data storage
for both MPU and CE operations.
I/O RAM
The I/O RAM can be seen as a series of hardware reg-
isters that control basic hardware functions. I/O RAM
address space starts at 0x2000.
The 71M6543FT/HT/GT/GHT includes 128 bytes NV
RAM memory on-chip in the I/O RAM address space
(addresses 0x2800 to 0x287F). This memory section is
supported by the voltage applied at VBAT_RTC and the
data in it are preserved in BRN, LCD, and SLP modes as
long as the voltage at VBAT_RTC is within specification.
Crystal Oscillator
The oscillator drives a standard 32.768kHz tuning-fork
crystal. This type of crystal is accurate and does not
require a high-current oscillator circuit. The oscillator
power dissipation is very low to maximize the lifetime of
the VBAT_RTC battery.
Oscillator calibration can improve the accuracy of both the
RTC and metering.
PLL
Timing for the device is derived from the 32,768Hz crystal
oscillator. The oscillator output is routed to a phase-locked
loop (PLL). The PLL multiplies the crystal frequency by
600toproduceastable19.6608MHzclockfrequency.This
is the master clock (MCK), and all on-chip timing, except
for the RTC clock, is derived from MCK.
The master clock can operate at either 19.66MHz or
6.29MHz depending on the PLL_FAST bit. The MPU
clockfrequencyCKMPUisdeterminedbyanotherdivider
controlled by the I/O RAM control field MPU_DIV[2:0] and
can be set to MCK x 2-(MPU_DIV+2) , where MPU_DIV[2:0]
may vary from 0 to 4. The 71M654xT VV3P3SYS supply
currentisreducedbyreducingtheMPUclockfrequency.
When the ICE_E pin is high, the circuit also generates the
9.83MHz clock for use by the emulator.
The two general-purpose counter/timers contained in the
MPU are clocked by CKMPU.
The PLL is only turned off in SLP mode.
FLSH_BANK[1:0]
ADDRESS RANGE FOR LOWER BANK
(0x0000–0x7FFF)
ADDRESS RANGE FOR UPPER BANK
(0x8000–0x7FFF)
00
0x0000–0x7FFF
0x0000–0x7FFF
01
0x0000–0x7FFF
0x8000–0x7FFF
10
0x0000–0x7FFF
0x10000–0x17FFFF
11
0x0000–0x7FFF
0x18000–0x1FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com