Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGTR/F Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 5Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 6Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 7Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 8Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 9Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 10Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 11Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 12Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
Maxim Integrated │ 9
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Electrical Characteristics (continued)
(Limits are production tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaran-
teed by design and characterization.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Current
Mission mode
-300
+300
nA
Brownout mode
2.4
3.2
mA
LCD mode (external VLCD)
0.4
108
nA
LCD mode (internal VLCD from DAC)
3.0
16
µA
LCD mode (VBAT)
1.4
3.8
µA
Sleep mode
-300
+300
nA
VBAT_RTC Current
Brownout mode
400
650
nA
LCD mode
1.8
4.1
µA
Sleep mode, TA≤25°C
0.7
1.7
µA
Sleep mode, TA = 85°C (Note 1)
1.5
3.2
µA
Flash Write Current
Maximumflashwriterate
7.1
9.3
mA
VV3P3D SWITCH
On-Resistance
VV3P3SYS to VV3P3D, IV3P3D≤1mA
11
Ω
VBAT to VV3P3D, IV3P3D≤1mA
11
IOH
9
mA
INTERNAL POWER FAULT COMPARATOR
Response Time
100mV overdrive, falling
20
200
µs
100mV overdrive, rising
200
Falling Threshold, 3.0V
Comparator
2.83
2.93
3.03
V
Falling Threshold, 2.8V
Comparator
2.71
2.81
2.91
V
Difference between 3.0V and
2.8V comparators
47
136
220
mV
Falling Threshold, 2.25V
Comparator
2.14
2.33
2.51
V
Falling Threshold, 2.0V
Comparator
1.90
2.07
2.23
V
Difference between 2.25V and
2.0V Comparators
0.15
0.25
0.365
V
Hysteresis
TA = +22°C
3.0V comparator
13
45
81
mV
2.8V comparator
17
42
79
2.25V comparator
7
33
71
2.0V comparator
4
28
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com