Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGTR/F Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 1 Page - Maxim Integrated Products

  71M6543HT-IGTR/F Datasheet HTML 1Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 2Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 3Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 4Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 5Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 6Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 7Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 8Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
General Description
The 71M6543FT/71M6543HT/71M6543GT/71M6543GHT
(71M654xT) are 4th-generation three-phase metering
systems-on-chips (SoCs) with a 5MHz, 8051-compat-
ible MPU core, low-power RTC with digital temperature
compensation, flash memory, and LCD driver. Our Single
Converter Technology® with a 22-bit delta-sigma ADC,
seven analog inputs, digital temperature compensation,
precision voltage reference, and a 32-bit computation
engine (CE) support a wide range of metering applications
with very few external components.
The 71M654xT devices support optional interfaces to the
Maxim Integrated 71M6x03 series of isolated sensors
offering BOM cost reduction, immunity to magnetic tam-
per, and enhanced reliability. Other features include an
SPI interface, advanced power management, ultra-low-
power operation in active and battery modes, 5KB shared
RAM, and 64KB/128KB flash memory that can be pro-
grammed in the field with code and/or data during meter
operation and the ability to drive up to six LCD segments
per SEG driver pin. High processing and sampling rates
combined with differential inputs offer a powerful platform
for residential meters.
A complete array of code development tools, demonstra-
tion code, and reference designs enable rapid develop-
ment and certification of meters that meet all ANSI and
IEC electricity metering standards worldwide.
The 71M654xT family operates over the industrial tem-
perature range and comes in a 100-pin lead(Pb)-free
LQFP package.
Applications
● Three-PhaseResidential,Commercial,andIndustrial
Energy Meters
Benefits and Features
● SoCIntegrationandUniqueIsolationTechnique
Reduces BOM Cost Without Sacrificing Performance
• 0.1% Typical Accuracy Over 2000:1 Current
Range
• Exceeds IEC 62053/ANSI C12.20 Standards
• Four-Quadrant Metering
• 46-64HzLineFrequencyRangewiththeSame
Calibration
• Phase Compensation (±10º)
• Independent 32-Bit Compute Engine
• 64KB Flash, 5KB RAM (71M6543FT/71M6543HT)
• 128KB Flash, 5KB RAM (71M6543GT/71M6543GHT)
• Built-In Flash Security
• SPI Interface with Flash Program Capability
• Up to Four Pulse Outputs with Pulse Count
• 8-Bit MPU (80515), Up to 5 MIPS
• Full-Speed MPU Clock in Brownout Mode
• LCD Driver Allows Up to 6 Commons/Up to
56 Pins
• Up to 51 Multifunction DIO Pins
• Hardware Watchdog Timer (WDT)
• Two UARTs for IR and AMR
• IR LED Driver with Modulation
• I2C/MICROWIRE® EEPROM Interface
● InnovativeIsolationTechnology(Requires
Companion 71M6xxx Sensor, also from Maxim
Integrated) Eliminates Current Transformers
• Four Current Sensor Inputs with Selectable
Differential Mode
• Selectable Gain of 1 or 8 for One Current Input to
Support Neutral Current Shunt
• High-Speed Wh/VARh Pulse Outputs with
Programmable Width
● DigitalTemperatureCompensationImprovesSystem
Performance
• Metrology Compensation
• Accurate RTC for TOU Functions with Automatic
Temperature Compensation for Crystal in All
Power Modes
● PowerManagementExtendsBatteryLifeDuring
Power Outages
• Three Battery-Backup Modes
- Brownout Mode (BRN)
- LCD Mode (LCD)
- Sleep Mode (SLP)
• Wake-Up on Pin Events and Wake-On Timer
• 1µA in Sleep Mode
19-6720; Rev 7; 12/15
Ordering Information and Typical Operating Circuit appear
at end of data sheet.
Single Converter Technology is a registered trademark of
Maxim Integrated Products, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corp.
EVALUATION KIT AVAILABLE


Similar Part No. - 71M6543HT-IGTR/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6543H MAXIM-71M6543H Datasheet
2Mb / 157P
Selectable Gain of 1 or 8 for One Current Energy Meter ICs Metrology Compensation
Rev 1.2; 4/11
More results

Similar Description - 71M6543HT-IGTR/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
Energy Meter ICs
Rev 2; 11/11
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
Energy Meter
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
Energy Meter
logo
Maxim Integrated Produc...
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
Energy Meter ICs
2012
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
Energy Meter ICs
2015
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
Energy Meter ICs
2015
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
Energy Meter ICs
2013
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
Energy Meter ICs
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com