Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGTR/F Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # 71M6543HT-IGTR/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGTR/F Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button 71M6543HT-IGTR/F Datasheet HTML 60Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 61Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 62Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 63Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 64Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 65Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 66Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 67Page - Maxim Integrated Products 71M6543HT-IGTR/F Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
Maxim Integrated │ 64
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
CE Interface Description
CE Program
The CE performs the precision computations necessary to
accurately measure energy. These computations include
offset cancellation, phase compensation, product smooth-
ing,productsummation,frequencydetection,VARcalcula-
tion, sag detection and voltage phase measurement.
The CE program is supplied by Maxim Integrated as a
data image that can be merged with the MPU operational
code for meter applications. Typically, the CE program
provided with the demonstration code covers most appli-
cations and does not need to be modified. Other varia-
tions of CE code are available. Contact your local Maxim
Integrated representative to obtain the appropriate CE
coderequiredforaspecificapplication.
CE Data Format
All CE words are 4 bytes. Unless specified otherwise,
they are in 32-bit two’s complement format
(-1 = 0xFFFFFFFF). Calibration parameters are defined in
flash memory (or external EEPROM) and must be copied
to CE data memory by the MPU before enabling the CE.
Internal variables are used in internal CE calculations.
Input variables allow the MPU to control the behavior of
the CE code. Output variables are outputs of the CE cal-
culations. The corresponding MPU address for the most
significant byte is given by 0x0000 + 4 x CE_address and
by 0x0003 + 4 x CE_address for the least significant byte.
Constants
• SamplingFrequency:2520.62Hz.
• F0:Frequencyofthemainsphases(typically50Hzor
60Hz).
• IMAX: RMS current corresponding to 250mV peak
(176.8 mVRMS) at the inputs IA and IB. IMAX needs
to be adjusted if the preamplifier is activated for the
IAP-IAN inputs. For a 250μΩ shunt resistor, IMAX
becomes 707A (176.8 mVRMS/250FI = 707.2ARMS).
• VMAX: RMS voltage corresponding to 250mV peak at
the VA and VB inputs.
• NACC: Accumulation count for energy measurements
is SUM_SAMPS[12:0]. The duration of the accumu-
lation interval for energy measurements is SUM_
SAMPS[12:0]/FS.
• X: Gain constant of the pulse generators. Its value is
determined by PULSE_FAST and PULSE_SLOW.
• Voltage LSB (for sag threshold) = VMAX x 7.8798
x10-9 V.
The system constants IMAX and VMAX are used by the
MPUtoconvertinternaldigitalquantities(asusedbythe
CE)toexternal,i.e.,meteringquantities.Theirvaluesare
determined by the scaling of the voltage and current sen-
sors used in an actual meter.
Environment
Before starting the CE using the CE_E bit (I/O RAM
0x2106[0]), the MPU has to establish the proper environ-
ment for the CE by implementing the following steps:
• Locate the CE code in flash memory using CE_LCTN[6:0]
(71M6543GT/GHT or CE_LCTN[5:0] (71M6543FT/HT).
• Load the CE data into RAM.
• EstablishtheequationtobeappliedinEQU[2:0].
• Establish the number of samples per accumulation
period in SUM_SAMPS[12:0].
• Establish the number of cycles per ADC multiplexer
frame (MUX_DIV[3:0]).
• Apply proper values to MUXn_SEL, as well as proper
selections for DIFFn_E and RMT_E in order to config-
ure the analog inputs.
• Initialize any MPU interrupts, such as CE_BUSY,
XFER_BUSY, or the power failure detection interrupt.
• VMAX = 600V, IMAX = 707A, and kH = 1Wh/pulse are
assumed as default settings
When different CE codes are used, a different set of envi-
ronment parameters need to be established. The exact
values for these parameters are listed in the Application
Notes and other documentation which accompanies the
CE code.
The CE details described in this data sheet should
be considered typical and may not, in aggregate, be
indicative of any particular CE code. Contact your Maxim
Integrated representative for details about available stan-
dard CE codes.
CE Calculations
The MPU selects the basic configuration for the CE by
setting the EQU variable.
CE Input Data
Data from the AFE is placed into CE memory by hardware
at ADC0-ADC10. Table 16 describes the process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com