| Electronic Components Datasheet Search |
|
71M6543HT-IGTR/F Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
71M6543HT-IGTR/F Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 75 page ![]() Maxim Integrated │ 21 71M6543FT/71M6543HT/ 71M6543GT/71M6543GHT Energy Meter ICs www.maximintegrated.com Analog Front-End (AFE) The AFE functions as a data acquisition system, controlled by the MPU. When used with locally connected sensors, as shown in Figure 2, the analog input signals (IADC0-IADC7, VADC8-VADC10) are multiplexed to the ADC input and sampled by the ADC. The ADC output is decimated by the FIR filter and stored in CE RAM where it can be accessed and processed by the CE. When remote isolated sensors are connected to the 71M6543FT/HT/GT/GHT using 71M6x03 remote sensor interfaces, the input multiplexer is bypassed. Instead, the extracted modulator bit stream is passed directly to a dedicated decimation filter. The output of the decimation filter is then directly stored in the appropriate CE RAM location without making use of a multiplexer cycle. Signal Input Pins The 71M6543FT/HT/GT/GHT features eleven ADC inputs. IADC0-IADC7 are intended for use as current sensor inputs. These eight current sensor inputs can be config- uredasfoursingle-endedinputs,or(morefrequently)can be paired to form four differential inputs. For best perfor- mance, it is recommended to configure the current sen- sor inputs as differential inputs. The first differential input (IADC0-IADC1) features a preamplifier with a selectable gain of 1 or 8, and is intended for direct connection to a shunt resistor sensor, and can also be used with a current transformer (CT). The remaining differential pairs may be Figure 2. 71M6543FT/HT/GT/GHT Operating with Local Sensors ∑ ADC CONVERTER VREF MUX VREF VREF VADC 22 FIR IADC6 IADC0 VADC10 (VA) IADC1 IADC7 71M6543FT/HT/GT/GHT CE RAM *IN = OPTIONAL NEUTRAL CURRENT IN* CT VADC10 (VB) VADC10 (VC) IA IADC2 IADC3 IB IADC4 IADC5 IC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |