Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALDGA Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MPC8358ECVVALDGA Datasheet HTML 33Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 34Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 35Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 36Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 37Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 38Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 39Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 40Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
37
Ethernet Management Interface Electrical Characteristics
8.3.2
MII Management AC Electrical Specifications
This table provides the MII management AC timing specifications.
This figure shows the MII management AC timing diagram.
Figure 21. MII Management Interface Timing Diagram
Table 37. MII Management AC Timing Specifications
At recommended operating conditions with LVDD is 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
—2.5
—
MHz
2
MDC period
tMDC
—400
—
ns
—
MDC clock pulse width high
tMDCH
32
—
—
ns
—
MDC to MDIO delay
tMDTKHDX
tMDTKHDV
10
—
——
110
ns
3
MDIO to MDC setup time
tMDRDVKH
10
—
—
ns
—
MDIO to MDC hold time
tMDRDXKH
0—
—
ns
—
MDC rise time
tMDCR
—
—
10
ns
—
MDC fall time
tMDHF
—
—
10
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes
management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or
data hold time. Also, tMDRDVKH symbolizes management data timing (MD) with respect to the time data input signals (D)
reach the valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. This parameter is dependent on the csb_clk speed (that is, for a csb_clk of 267 MHz, the maximum frequency is 8.3 MHz
and the minimum frequency is 1.2 MHz; for a csb_clk of 375 MHz, the maximum frequency is 11.7 MHz and the minimum
frequency is 1.7 MHz).
3. This parameter is dependent on the ce_clk speed (that is, for a ce_clk of 200 MHz, the delay is 90 ns and for a ce_clk of
300 MHz, the delay is 63 ns).
MDC
tMDRDXKH
tMDC
tMDCH
tMDCR
tMDHF
tMDTKHDX
MDIO
MDIO
(Input)
(Output)
tMDRDVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com