Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALDGA Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MPC8358ECVVALDGA Datasheet HTML 55Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 56Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 57Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 58Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 59Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 60Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 61Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 62Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
59
HDLC, BISYNC, Transparent, and Synchronous UART DC Electrical Characteristics
This figure shows the UTOPIA timing with internal clock.
Figure 48. UTOPIA AC Timing (Internal Clock) Diagram
18
HDLC, BISYNC, Transparent, and Synchronous
UART
This section describes the DC and AC electrical specifications for the high level data link control (HDLC), BISYNC,
transparent, and synchronous UART protocols of the MPC8360E/58E.
18.1
HDLC, BISYNC, Transparent, and Synchronous UART DC
Electrical Characteristics
This table provides the DC electrical characteristics for the device HDLC, BISYNC, transparent, and synchronous UART
protocols.
18.2
HDLC, BISYNC, Transparent, and Synchronous UART AC Timing
Specifications
These tables provide the input and output AC timing specifications for HDLC, BISYNC, transparent, and synchronous UART
protocols.
Table 61. HDLC, BISYNC, Transparent, and Synchronous UART DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –2.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.5
V
Input high voltage
VIH
—2.0
OVDD + 0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
0 V
≤VIN ≤OVDD
—±10
μA
Table 62. HDLC, BISYNC, and Transparent AC Timing Specifications1
Characteristic
Symbol2
Min
Max
Unit
Outputs—Internal clock delay
tHIKHOV
011.2
ns
Outputs—External clock delay
tHEKHOV
110.8
ns
UtopiaCLK (Output)
tUIIXKH
tUIKHOV
Input Signals:
UTOPIA
Output Signals:
UTOPIA
tUIIVKH
tUIKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com