Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALDGA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC8358ECVVALDGA Datasheet HTML 6Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 7Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 8Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 9Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 10Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 11Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 12Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 13Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
10
Freescale Semiconductor
Overall DC Electrical Characteristics
This figure shows the undershoot and overshoot voltages at the interfaces of the device.
Figure 3. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD
PCI, local bus, DUART, system control and power management, I2C,
SPI, and JTAG I/O voltage
OVDD
3.3 V ± 330 mV
V
—
Junction temperature
TJ
0 to 105
–40 to 105
° C
2
Notes:
1. GVDD, LVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or
negative direction.
2. The operating conditions for junction temperature, TJ, on the 600/333/400 MHz and 500/333/500 MHz on rev. 2.0 silicon is
0
° to 70 ° C. Refer to Errata General9 in Chip Errata for the MPC8360E, Rev. 1.
3. For more information on Part Numbering, refer to Table 80.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/OVDD + 20%
G/L/OVDD
G/L/OVDD + 5%
of tinterface
1
1. Note that tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com