Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALDGA Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPC8358ECVVALDGA Datasheet HTML 76Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 77Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 78Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 79Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 80Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 81Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 82Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 83Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
80
Freescale Semiconductor
Pinout Listings
21
Clocking
This figure shows the internal distribution of clocks within the MPC8360E.
Figure 54. MPC8360E Clock Subsystem
Core PLL
System
DDRC2
LBIU
LSYNC_IN
LSYNC_OUT
LCLK[0:2]
MEMC2_MCK[0:1]
MEMC2_MCK[0:1]
core_clk
e300 Core
csb_clk to Rest
CLKIN
csb_clk
MPC8360E
DDRC2
Memory
Local Bus
PCI_CLK_OUT[0:2]
PCI_SYNC_OUT
PCI_CLK/
Clock
Unit
of the Device
lb_clk
CFG_CLKIN_DIV
PCI Clock
PCI_SYNC_IN
Device
Memory
Device
/n
To Local
Bus/DDRC2
Controller
DLL
/2
Divider
MEMC1_MCK[0:5]
MEMC1_MCK[0:5]
DDRC1
/2
ddr1_clk
DDRC1
Memory
Device
PLL
QUICC
PLL
ce_clk to QUICC Engine Block
Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com