Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALDGA Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MPC8358ECVVALDGA Datasheet HTML 59Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 60Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 61Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 62Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 63Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 64Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 65Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 66Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
63
Package Parameters for the TBGA Package
20
Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8360E/58E is available in a tape ball grid
array (TBGA), see Section 20.1, “Package Parameters for the TBGA Package,” and Section 20.2, “Mechanical Dimensions of
the TBGA Package,” for information on the package.
20.1
Package Parameters for the TBGA Package
The package parameters for rev. 2.0 silicon are as provided in the following list. The package type is 37.5 mm
× 37.5 mm, 740
tape ball grid array (TBGA).
Package outline
37.5 mm
× 37.5 mm
Interconnects
740
Pitch
1.00 mm
Module height (typical)
1.46 mm
Solder Balls
62 Sn/36 Pb/2 Ag (ZU package)
95.5 Sn/0.5 Cu/4Ag (VV package)
Ball diameter (typical)
0.64 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com