Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALDGA Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MPC8358ECVVALDGA Datasheet HTML 90Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 91Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 92Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 93Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 94Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 95Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 96Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 97Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
94
Freescale Semiconductor
Thermal Management Information
This table shows heat sinks and junction-to-ambient thermal resistance for TBGA package.
Accurate thermal design requires thermal modeling of the application environment using computational fluid dynamics
software which can model both the conduction cooling and the convection cooling of the air moving through the application.
Simplified thermal models of the packages can be assembled using the junction-to-case and junction-to-board thermal
resistances listed in the thermal resistance table. More detailed thermal models can be made available on request.
Heat sink vendors include the following:
Aavid Thermalloy
603-224-9988
80 Commercial St.
Concord, NH 03301
Internet: www.aavidthermalloy.com
Alpha Novatech
408-749-7601
473 Sapena Ct. #15
Santa Clara, CA 95054
Internet: www.alphanovatech.com
International Electronic Research Corporation (IERC)
818-842-7277
413 North Moss St.
Burbank, CA 91502
Internet: www.ctscorp.com
Table 78. Heat Sinks and Junction-to-Ambient Thermal Resistance of TBGA Package
Heat Sink Assuming Thermal Grease
Airflow
35
× 35 mm TBGA
Junction-to-Ambient
Thermal Resistance
AAVID 30 × 30 × 9.4 mm pin fin
Natural convention
10.7
AAVID 30 × 30 × 9.4 mm pin fin
1 m/s
6.2
AAVID 30 × 30 × 9.4 mm pin fin
2 m/s
5.3
AAVID 31 × 35 × 23 mm pin fin
Natural convention
8.1
AAVID 31 × 35 × 23 mm pin fin
1 m/s
4.4
AAVID 31 × 35 × 23 mm pin fin
2 m/s
3.7
Wakefield, 53 × 53 × 25 mm pin fin
Natural convention
5.4
Wakefield, 53 × 53 × 25 mm pin fin
1 m/s
3.2
Wakefield, 53 × 53 × 25 mm pin fin
2 m/s
2.4
MEI, 75 × 85 × 12 no adjacent board, extrusion
Natural convention
6.4
MEI, 75 × 85 × 12 no adjacent board, extrusion
1 m/s
3.8
MEI, 75 × 85 × 12 no adjacent board, extrusion
2 m/s
2.5
MEI, 75 × 85 × 12 mm, adjacent board, 40 mm side bypass
1 m/s
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com