Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALDGA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC8358ECVVALDGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALDGA Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC8358ECVVALDGA Datasheet HTML 1Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 2Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 3Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 4Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 5Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 6Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 7Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 8Page - NXP Semiconductors MPC8358ECVVALDGA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
5
— Eight TDM interfaces on the MPC8360E and four TDM interfaces on the MPC8358E with 1-bit mode for E3/T3
rates in clear channel
— Sixteen independent baud rate generators and 30 input clock pins for supplying clocks to UCC and MCC serial
channels (MCC is only available on the MPC8360E)
— Four independent 16-bit timers that can be interconnected as four 32-bit timers
— Interworking functionality:
–
Layer 2 10/100-Base T Ethernet switch
–
ATM-to-ATM switching (AAL0, 2, 5)
–
Ethernet-to-ATM switching with L3/L4 support
–
PPP interworking
•
Security engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP, 802.11i®, iSCSI,
and IKE processing. The security engine contains four crypto-channels, a controller, and a set of crypto execution units
(EUs).
— Public key execution unit (PKEU) supporting the following:
–
RSA and Diffie-Hellman
–
Programmable field size up to 2048 bits
–
Elliptic curve cryptography
–
F2m and F(p) modes
–
Programmable field size up to 511 bits
— Data encryption standard execution unit (DEU)
–
DES, 3DES
–
Two key (K1, K2) or three key (K1, K2, K3)
–
ECB and CBC modes for both DES and 3DES
— Advanced encryption standard unit (AESU)
— Implements the Rinjdael symmetric key cipher
— Key lengths of 128, 192, and 256 bits, two key
–
ECB, CBC, CCM, and counter modes
— ARC four execution unit (AFEU)
–
Implements a stream cipher compatible with the RC4 algorithm
–
40- to 128-bit programmable key
— Message digest execution unit (MDEU)
–
SHA with 160-, 224-, or 256-bit message digest
–
MD5 with 128-bit message digest
–
HMAC with either SHA or MD5 algorithm
— Random number generator (RNG)
— Four crypto-channels, each supporting multi-command descriptor chains
–
Static and/or dynamic assignment of crypto-execution units via an integrated controller
–
Buffer size of 256 bytes for each execution unit, with flow control for large data sizes
— Storage/NAS XOR parity generation accelerator for RAID applications
•
Dual DDR SDRAM memory controllers on the MPC8360E and a single DDR SDRAM memory controller on the
MPC8358E
— Programmable timing supporting both DDR1 and DDR2 SDRAM
— On the MPC8360E, the DDR buses can be configured as two 32-bit buses or one 64-bit bus; on the MPC8358E,
the DDR bus can be configured as a 32- or 64-bit bus
— 32- or 64-bit data interface, up to 333 MHz (for the MPC8360E) and 266 MHz (for the MPC8358E) data rate
— Four banks of memory, each up to 1 Gbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com