Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F1230-E/SOSQTP Datasheet HTML 1Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 2Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 3Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 4Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 5Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 6Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 312 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 1
14-Bit Power Control PWM Module:
• Up to 6 PWM channel outputs
- Complementary or independent outputs
• Edge or center-aligned operation
• Flexible dead-band generator
• Hardware Fault protection input
• Simultaneous update of duty cycle and period:
- Flexible Special Event Trigger output
Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4x Phase Lock Loop (PLL) – available for crystal
and internal oscillators
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal oscillator block:
- 8 user-selectable frequencies from 31 kHz
to 8 MHz
- Provides a complete range of clock speeds from
31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock stops
Power-Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 5.8
μA, typical
• Sleep mode current down to 0.1
μA, typical
• Timer1 Oscillator: 1.8
μA, typical; 32 kHz; 2V
• Watchdog Timer (WDT): 2.1
μA, typical
• Two-Speed Oscillator Start-up
Peripheral Highlights:
• High-current sink/source 25 mA/25 mA
• Up to 4 programmable external interrupts
• Four input change interrupts
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN 1.2
- RS-232 operation using internal oscillator
block (no external crystal required)
- Auto-wake-up on Start bit
- Auto-Baud Detect
• 10-bit, up to 4-channel Analog-to-Digital Converter
module (A/D):
- Auto-acquisition capability
- Conversion available during Sleep
• Up to 3 analog comparators
• Programmable reference voltage for comparators
• Programmable 15-level Low-Voltage Detection
(LVD) module:
- Supports interrupt on Low-Voltage Detection
Special Microcontroller Features:
• C compiler optimized architecture with optional
extended instruction set
• Flash memory retention: > 40 years
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Programmable Code Protection
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Wide operating voltage range (2.0V to 5.5V)
Device
Program Memory
Data Memory
I/O
10
-Bit
ADC
Channel
EUSART
Analog
Comparator
14-Bit
PWM (ch)
Timers
16-Bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
PIC18F1230
4096
2048
256
128
13
4
Yes
3
6
2
PIC18F1330
8192
4096
256
128
13
4
Yes
3
6
2
18/20/28-Pin, Enhanced Flash Microcontrollers with
nanoWatt Technology, High-Performance PWM and A/D
PIC18F1230/1330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com