Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 39Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 40Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 41Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 42Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 43Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 44Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 45Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 46Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 41
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
1230
1330
---0 0000
---0 0000
---0 uuuu(3)
TOSH
1230
1330
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
1230
1330
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
1230
1330
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
1230
1330
---0 0000
---0 0000
---u uuuu
PCLATH
1230
1330
0000 0000
0000 0000
uuuu uuuu
PCL
1230
1330
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
1230
1330
--00 0000
--00 0000
--uu uuuu
TBLPTRH
1230
1330
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
1230
1330
0000 0000
0000 0000
uuuu uuuu
TABLAT
1230
1330
0000 0000
0000 0000
uuuu uuuu
PRODH
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
1230
1330
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
1230
1330
1111 1111
1111 1111
uuuu uuuu(1)
INTCON3
1230
1330
1100 0000
1100 0000
uuuu uuuu(1)
INDF0
1230
1330
N/A
N/A
N/A
POSTINC0
1230
1330
N/A
N/A
N/A
POSTDEC0
1230
1330
N/A
N/A
N/A
PREINC0
1230
1330
N/A
N/A
N/A
PLUSW0
1230
1330
N/A
N/A
N/A
FSR0H
1230
1330
---- 0000
---- 0000
---- uuuu
FSR0L
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
1230
1330
N/A
N/A
N/A
POSTINC1
1230
1330
N/A
N/A
N/A
POSTDEC1
1230
1330
N/A
N/A
N/A
PREINC1
1230
1330
N/A
N/A
N/A
PLUSW1
1230
1330
N/A
N/A
N/A
FSR1H
1230
1330
---- 0000
---- 0000
---- uuuu
FSR1L
1230
1330
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
1230
1330
---- 0000
---- 0000
---- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit of CONFIG3L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com