Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 59Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 60Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 61Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 62Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 57
PTMRL
PWM Time Base Register (lower 8 bits)
0000 0000
43, 119
PTMRH
—
—
—
—
PWM Time Base Register (upper 4 bits)
---- 0000
43, 119
PTPERL
PWM Time Base Period Register (lower 8 bits)
1111 1111
43, 119
PTPERH
—
—
—
—
PWM Time Base Period Register (upper 4 bits)
---- 1111
43, 119
TRISB
PORTB Data Direction Control Register
1111 1111
43, 84
TRISA
TRISA7(4)
TRISA6(4)
PORTA Data Direction Control Register
1111 1111
43, 81
PDC0L
PWM Duty Cycle #0L Register (lower 8 bits)
0000 0000
43, 125
PDC0H
—
—
PWM Duty Cycle #0H Register (upper 6 bits)
--00 0000
43, 125
PDC1L
PWM Duty Cycle #1L Register (lower 8 bits)
0000 0000
43, 125
PDC1H
—
—
PWM Duty Cycle #1H Register (upper 6 bits)
--00 0000
43, 125
PDC2L
PWM Duty Cycle #2L Register (lower 8 bits)
0000 0000
43, 125
PDC2H
—
—
PWM Duty Cycle #2H Register (upper 6 bits)
--00 0000
43, 125
FLTCONFIG
BRFEN
—
—
—
—
FLTAS
FLTAMOD
FLTAEN
0--- -000
43, 137
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
43, 84
LATA
LATA7(4)
LATA6(4)
PORTA Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
43, 81
SEVTCMPL
PWM Special Event Compare Register (lower 8 bits)
0000 0000
43, 138
SEVTCMPH
—
—
—
—
PWM Special Event Compare Register (upper 4 bits)
---- 0000
44, 138
PWMCON0
—PWMEN2(6) PWMEN1(6) PWMEN0(6)
—
PMOD2
PMOD1
PMOD0
-100 -000
44, 117
-000 -000
PWMCON1
SEVOPS3
SEVOPS2
SEVOPS1
SEVOPS0
SEVTDIR
—
UDIS
OSYNC
0000 0-00
44, 118
DTCON
DTPS1
DTPS0
DT5
DT4
DT3
DT2
DT1
DT0
0000 0000
44, 130
OVDCOND
—
—
POVD5
POVD4
POVD3
POVD2
POVD1
POVD0
--11 1111
44, 134
OVDCONS
—
—
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
--00 0000
44, 134
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
44, 84
PORTA
RA7(4)
RA6(4)
RA5(3)
RA4
RA3
RA2
RA1
RA0
xx0x xxxx
44, 81
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F1230/1330) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on
page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN1:BOREN0 Configuration bits = 01; otherwise, it is disabled and
reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”.
2:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See
Section 2.6.4 “PLL in INTOSC Modes”.
3:
The RA5 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0); otherwise, RA5 reads
as ‘0’. This bit is read-only.
4:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary
oscillator modes. When disabled, these bits read as ‘0’.
5:
Bit 7 and bit 6 are cleared by user software or by a POR.
6:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit of CONFIG3L.
7:
This bit has no effect if the Configuration bit, WDTEN, is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com