Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 59Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 60Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 61Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 312 page
background image
PIC18F1230/1330
DS39758B-page 56
Advance Information
© 2006 Microchip Technology Inc.
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
42, 58
TMR0H
Timer0 Register High Byte
0000 0000
42, 103
TMR0L
Timer0 Register Low Byte
xxxx xxxx
42, 103
T0CON
TMR0ON
T016BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
42, 101
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0100 q000
42, 22
LVDCON
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
--00 0101
42, 179
WDTCON
—
—
—
—
—
—
—SWDTEN(7) ---- ---0 42, 195
RCON
IPEN
SBOREN(1)
—RI
TO
PD
POR
BOR
0q-1 11q0
42, 34
TMR1H
Timer1 Register High Byte
xxxx xxxx
42, 109
TMR1L
Timer1 Register Low Byte
xxxx xxxx
42, 109
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
42, 105
ADRESH
A/D Result Register High Byte
xxxx xxxx
42, 172
ADRESL
A/D Result Register Low Byte
xxxx xxxx
42, 172
ADCON0
SEVTEN
—
—
—
CHS1
CHS0
GO/DONE
ADON
0--- 0000
42, 163
ADCON1
—
—
—
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
---0 1111
42, 164
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
42, 165
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
42, 144
CVRCON
CVREN
—
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0-00 0000
42, 177
CMCON
C2OUT
C1OUT
C0OUT
—
—
CMEN2
CMEN1
CMEN0
000- -000
42, 173
SPBRGH
EUSART Baud Rate Generator Register High Byte
0000 0000
42, 146
SPBRG
EUSART Baud Rate Generator Register Low Byte
0000 0000
42, 146
RCREG
EUSART Receive Register
0000 0000
42, 153
TXREG
EUSART Transmit Register
0000 0000
42, 151
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
42, 142
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
42, 143
EEADR
EEPROM Address Register
0000 0000
43, 75
EEDATA
EEPROM Data Register
0000 0000
43, 75
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
43, 66
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
42, 67
IPR3
—
—
—PTIP
—
—
—
—
---1 ----
43, 97
PIR3
—
—
—PTIF
—
—
—
—
---0 ----
43, 93
PIE3
—
—
—PTIE
—
—
—
—
---0 ----
43, 95
IPR2
OSCFIP
—
—
EEIP
—LVDIP
—
—
1--1 -1--
43, 97
PIR2
OSCFIF
—
—EEIF
—LVDIF
—
—
0--0 -0--
43, 93
PIE2
OSCFIE
—
—
EEIE
—LVDIE
—
—
0--0 -0--
43, 95
IPR1
—
ADIP
RCIP
TXIP
CMP2IP
CMP1IP
CMP0IP
TMR1IP
-111 1111
43, 96
PIR1
—
ADIF
RCIF
TXIF
CMP2IF
CMP1IF
CMP0IF
TMR1IF
-000 0000
43, 92
PIE1
—
ADIE
RCIE
TXIE
CMP2IE
CMP1IE
CMP0IE
TMR1IE
-000 0000
43, 94
OSCTUNE
INTSRC
PLLEN(2)
—
TUN4
TUN3
TUN2
TUN1
TUN0
00-0 0000
43, 19
PTCON0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1
PTCKPS0
PTMOD1
PTMOD0
0000 0000
43, 116
PTCON1
PTEN
PTDIR
—
—
—
—
—
—
00-- ----
43, 116
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F1230/1330) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on
page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN1:BOREN0 Configuration bits = 01; otherwise, it is disabled and
reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”.
2:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See
Section 2.6.4 “PLL in INTOSC Modes”.
3:
The RA5 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0); otherwise, RA5 reads
as ‘0’. This bit is read-only.
4:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary
oscillator modes. When disabled, these bits read as ‘0’.
5:
Bit 7 and bit 6 are cleared by user software or by a POR.
6:
Reset condition of PWMEN bits depends on the PWMPIN Configuration bit of CONFIG3L.
7:
This bit has no effect if the Configuration bit, WDTEN, is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com