Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 9Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 11Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 14Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 312 page
background image
PIC18F1230/1330
© 2006 Microchip Technology Inc.
Advance Information
DS39758B-page 9
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F1230
PIC18F1330
Operating Frequency
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
4096
8192
Program Memory (Instructions)
2048
4096
Data Memory (Bytes)
256
256
Data EEPROM Memory (Bytes)
128
128
Interrupt Sources
17
17
I/O Ports
Ports A, B
Ports A, B
Timers
2
2
Power Control PWM Module
6 Channels
6 Channels
Serial Communications
Enhanced USART
Enhanced USART
10-Bit Analog-to-Digital Module
4 Input Channels
4 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow (PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow (PWRT, OST),
MCLR (optional),
WDT
Programmable Low-Voltage Detect
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended Instruction Set
enabled
75 Instructions;
83 with Extended Instruction Set
enabled
Packages
18-pin PDIP
18-pin SOIC
20-pin SSOP
28-pin QFN
18-pin PDIP
18-pin SOIC
20-pin SSOP
28-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com