Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1230-E/SOSQTP Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F1230-E/SOSQTP
Description  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 6Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 9Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 11Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 312 page
background image
PIC18F1230/1330
DS39758B-page 8
Advance Information
© 2006 Microchip Technology Inc.
1.2
Other Special Features
• Memory Endurance: The Enhanced Flash cells for
both program memory and data EEPROM are rated
to last for many thousands of erase/write cycles –
up to 100,000 for program memory and 1,000,000
for EEPROM. Data retention without refresh is
conservatively estimated to be greater than
40 years.
• Self-Programmability: These devices can write to
their own program memory spaces under internal
software control. By using a bootloader routine
located in the protected Boot Block at the top of
program memory, it becomes possible to create an
application that can update itself in the field.
• Extended Instruction Set: The PIC18F1230/1330
family introduces an optional extension to the PIC18
instruction set, which adds eight new instructions
and an Indexed Addressing mode. This extension,
enabled as a device configuration option, has been
specifically designed to optimize re-entrant
application code originally developed in high-level
languages, such as C.
• Power Control PWM Module: This module
provides up to six modulated outputs for controlling
half-bridge and full-bridge drivers. Other features
include auto-shutdown on Fault detection and
auto-restart to reactivate outputs once the condition
has cleared.
• Enhanced Addressable USART: This serial
communication module is capable of standard
RS-232 operation and provides support for the LIN
bus protocol. Other enhancements include
automatic baud rate detection and a 16-bit Baud
Rate Generator for improved resolution. When the
microcontroller is using the internal oscillator block,
the EUSART provides stable operation for applica-
tions that talk to the outside world without using an
external crystal (or its accompanying power
requirement).
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reducing code overhead.
• Extended Watchdog Timer (WDT): This enhanced
version incorporates a 16-bit prescaler, allowing an
extended time-out range that is stable across
operating voltage and temperature. See
Section 22.0 “Electrical Characteristics” for
time-out periods.
1.3
Details on Individual Family
Members
Devices in the PIC18F1230/1330 family are available
in 18-pin, 20-pin and 28-pin packages.
The devices are differentiated from each other in one
way:
1.
Flash
program
memory
(4 Kbytes
for
PIC18F1230, 8 Kbytes for PIC18F1330).
All other features for devices in this family are identical.
These are summarized in Table 1-1.
A block diagram of the PIC18F1220/1320 device archi-
tecture is provided in Figure 1-1. The pinouts for this
device family are listed in Table 1-2.
Like all Microchip PIC18 devices, members of the
PIC18F1230/1330 family are available as both stan-
dard and low-voltage devices. Standard devices with
Enhanced Flash memory, designated with an “F” in the
part number (such as PIC18F1330), accommodate an
operating VDD range of 4.2V to 5.5V. Low-voltage
parts, designated by “LF” (such as PIC18LF1330),
function over an extended VDD range of 2.0V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com